Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8333CBAB-I8T1U Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S-8333CBAB-I8T1U
Description  STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8333CBAB-I8T1U Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S-8333CBAB-I8T1U Datasheet HTML 3Page - Seiko Instruments Inc S-8333CBAB-I8T1U Datasheet HTML 4Page - Seiko Instruments Inc S-8333CBAB-I8T1U Datasheet HTML 5Page - Seiko Instruments Inc S-8333CBAB-I8T1U Datasheet HTML 6Page - Seiko Instruments Inc S-8333CBAB-I8T1U Datasheet HTML 7Page - Seiko Instruments Inc S-8333CBAB-I8T1U Datasheet HTML 8Page - Seiko Instruments Inc S-8333CBAB-I8T1U Datasheet HTML 9Page - Seiko Instruments Inc S-8333CBAB-I8T1U Datasheet HTML 10Page - Seiko Instruments Inc S-8333CBAB-I8T1U Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.4.2_01
S-8333 Series
7
Electrical Characteristics
Table 4 Electrical Characteristics
(Unless otherwise specified: VIN
= 3.3 V, Ta = 25°C)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Test
Circuit
Operating input voltage VIN
1.8
6.0
V
2
FB voltage
VFB
0.985
1.000
1.015
V
2
Current consumption
ISS1
fosc
= 650 kHz
VFB
= 0.95 V
450
700
μA
1
EXT pin output current
IEXTH
VEXT
= VIN − 0.4 V
−100
−60
mA
1
IEXTL
VEXT
= 0.4 V
100
160
mA
1
FB voltage temperature
coefficient
ΔVFB
ΔTa
Ta
= −40 to +85°C
±100
ppm/
°C2
FB pin input current
IFB
−0.1
+0.1
μA
1
Oscillation frequency*1 fosc
When fosc
= 1080 kHz is set
(ROSC
= 120 kΩ)
When fosc
= 650 kHz is set
(ROSC
= 200 kΩ)
When fosc
= 280 kHz is set
(ROSC
= 470 kΩ)
VFB
= 0.9 V
Waveform on EXT pin is measured.
fosc
× 0.9
fosc
fosc
× 1.1
kHz
1
Oscillation frequency
temperature coefficient
Δfosc
ΔTa
Ta
= −40 to +85°C
fosc
= 650 kHz
1000
ppm/
°C1
Max. duty*2
MaxDuty
fosc
= 1080 kHz (ROSC = 120 kΩ)
MaxDuty
= 88.5% (RDuty = 62 kΩ)
MaxDuty
= 73% (RDuty = 180 kΩ)
MaxDuty
= 47% (RDuty = 390 kΩ)
MaxDuty
− 5
MaxDuty
MaxDuty
+ 5
%
1
fosc
= 650 kHz (ROSC = 200 kΩ)
MaxDuty
= 88.5% (RDuty = 100 kΩ)
Soft-start time
tSS
tSS
= 10 ms, 15 ms, 20 ms
Selected in three steps
tSS
× 0.75
tSS
tSS
× 1.5
ms
1
Short-circuit protection
delay time*3
tPRO
tPRO
= 50 ms
(CSP
= 0.1 μF)
37.5
50
75
ms
1
UVLO detection voltage VUVLO
VUVLO
= 1.5 V to 2.3 V
Selected in 0.1 V steps
VUVLO
× 0.95
VUVLO
VUVLO
× 1.05
V
1
UVLO hysteresis width VUVLOHYS
VUVLOHYS
= 0.1 V to 0.3 V
Selected in 0.1 V steps
VUVLOHYS
× 0.6
VUVLOHYS
VUVLOHYS
× 1.4
V
1
CC pin output current
ICCH
VFB
= 2 V
−60
−45
−34.5
μA
1
ICCL
VFB
= 0 V
34.5
45
60
μA
1
Timer latch reset voltage
VRTLT1
Within short-circuit protection delay
time
0.7
1.0
1.3
V
1
VRTLT2
After short-circuit protection circuit
operated
VUVLO
× 0.95
VUVLO
VUVLO
× 1.05
V
1
*1. The recommended range of the resistance (Rosc) for oscillation frequency is Rosc
= 120 kΩ to 470 kΩ (fOSC = 280 kHz to 1.08 MHz).
This range of oscillation frequency is the typical value when an ideal resistor is connected externally. In actual use, it is necessary to
take account the dispersion of an IC (
±10%) into this value.
*2. Set max. duty; Between 47 and 88.5 % (RDuty/ROSC = 0.5 to 3.2); the oscillation frequency is 500 kHz or more
Between 47 and 80 % (RDuty/ROSC = 1.0 to 3.2); the oscillation frequency is less than 500 kHz
This range of max. duty is the typical value when an ideal resistor is connected externally. In actual use, it is necessary to take
account the dispersion of an IC (
±5%) into this value.
*3. The short-circuit protection time can be set by the external capacitor. Although the maximum set value by the external capacitor is
unlimited under the ideal condition, set CSP
= approx. 0.47 μF as a target maximum value due to discharge time of the capacitor.


Similar Part No. - S-8333CBAB-I8T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8333CBAB-T8T1S SII-S-8333CBAB-T8T1S Datasheet
2Mb / 44P
   PWM CONTROL SWITCHING REGULATOR CONTROLLER
S-8333CBAB-T8T1U SII-S-8333CBAB-T8T1U Datasheet
2Mb / 44P
   PWM CONTROL SWITCHING REGULATOR CONTROLLER
More results

Similar Description - S-8333CBAB-I8T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8333 ABLIC-S-8333 Datasheet
813Kb / 44P
   STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.4.2_02
logo
Aimtron Technology
AT1380A AIMTRON-AT1380A Datasheet
332Kb / 12P
   Switching Regulator Controller for LCD Bias
logo
List of Unclassifed Man...
AT1729 ETC-AT1729 Datasheet
248Kb / 8P
   3-Channel PWM Controller for LCD Bias
logo
Seiko Instruments Inc
S8337 SII-S8337 Datasheet
2Mb / 51P
   STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
List of Unclassifed Man...
AT1731 ETC1-AT1731 Datasheet
247Kb / 8P
   2-Channel PWM Controller for LCD Bias
AT1730 ETC1-AT1730 Datasheet
261Kb / 7P
   2-Channel PWM Controller for LCD Bias
logo
ABLIC Inc.
S-8337 ABLIC-S-8337 Datasheet
452Kb / 45P
   STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.5.0_00
logo
Seiko Instruments Inc
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
New Japan Radio
NJU7600 NJRC-NJU7600 Datasheet
110Kb / 9P
   PWM control Step-Up / Flyback switching regulator IC
logo
Seiko Instruments Inc
S-8533 SII-S-8533 Datasheet
410Kb / 31P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com