Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8354DxxMC Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S-8354DxxMC
Description  STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8354DxxMC Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S-8354DxxMC Datasheet HTML 3Page - Seiko Instruments Inc S-8354DxxMC Datasheet HTML 4Page - Seiko Instruments Inc S-8354DxxMC Datasheet HTML 5Page - Seiko Instruments Inc S-8354DxxMC Datasheet HTML 6Page - Seiko Instruments Inc S-8354DxxMC Datasheet HTML 7Page - Seiko Instruments Inc S-8354DxxMC Datasheet HTML 8Page - Seiko Instruments Inc S-8354DxxMC Datasheet HTML 9Page - Seiko Instruments Inc S-8354DxxMC Datasheet HTML 10Page - Seiko Instruments Inc S-8354DxxMC Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
Rev.3.0_01
S-8353/8354 Series
7
Table 6
Output
voltage
S-8353HxxUA
Series
S-8353JxxMC
Series
1.8 V
S-8353J18MC-IYDT2x
2.0 V
S-8353J20MC-IYFT2x
2.1 V
S-8353J21MC-IYGT2x
2.5 V
S-8353J25MC-IYKT2x
3.0 V
S-8353J30MC-IYPT2x
3.3 V
S-8353H33UA-IWST2x
S-8353J33MC-IYST2x
3.6 V
S-8353H36UA-IWVT2x
5.0 V
S-8353H50UA-IXJT2x
S-8353J50MC-IZJT2x
(2) S-8354 Series
Table 7
Output
voltage
S-8354AxxMC
Series
S-8354AxxMA
Series
S-8354AxxUA
Series
S-8354CxxMA
Series
2.0 V
S-8354A20MA-JQFT
2.7 V
S-8354A27MC-JQMT2x
S-8354A27MA-JQMT
2.8 V
S-8354A28MA-JQNT
S-8354A28UA-JQNT2x
3.0 V
S-8354A30MC-JQPT2x
S-8354A30MA-JQPT
S-8354A30UA-JQPT2x
S-8354C30MA-JSPT
3.3 V
S-8354A33MC-JQST2x
S-8354A33MA-JQST
S-8354A33UA-JQST2x
3.5 V
S-8354A35UA-JQUT2x
3.8 V
S-8354A38MC-JQXT2x
4.0 V
S-8354A40MC-JQZT2x
S-8354A40UA-JQZT2x
5.0 V
S-8354A50MC-JRJT2x
S-8354A50MA-JRJT
S-8354A50UA-JRJT2x
Table 8
Output
voltage
S-8354DxxMC
Series
S-8354HxxMC
Series
S-8354HxxUA
Series
S-8354JxxMC
Series
1.5 V
S-8354J15MC-JYAT2x
2.0 V
S-8354D20MC-JUFT2x
S-8354J20MC-JYFT2x
2.5 V
S-8354H25MC-JWKT2x
2.7V
S-8354H27MC-JWMT2x S-8354H27UA-JWMT2x
3.0 V
S-8354D30MC-JUPT2x
S-8354H30MC-JWPT2x
S-8354J30MC-JYPT2x
3.1 V
S-8354H31MC-JWQT2x
3.3 V
S-8354D33MC-JUST2x
S-8354H33MC-JWST2x
S-8354J33MC-JYST2x
3.5 V
S-8354H35MC-JWUT2x
4.0 V
S-8354H40MC-JWZT2x
4.2 V
S-8354H42MC-JXBT2x
4.5 V
S-8354H45MC-JXET2x
4.7 V
S-8354H47MC-JXGT2x
5.0 V
S-8354H50MC-JXJT2x
S-8354J50MC-JZJT2x
Remark 1. Please contact the SII Semiconductor Corporation marketing department for products with an output voltage other
than those specified above.
2. x: G or U
3. : 2G or 1U
4. Please select products of environmental code = U for Sn 100%, halogen-free products.


Similar Part No. - S-8354DxxMC

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8354DXXMC ABLIC-S-8354DXXMC Datasheet
567Kb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
Rev.3.0_02
More results

Similar Description - S-8354DxxMC

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8353 ABLIC-S-8353 Datasheet
567Kb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
Rev.3.0_02
logo
Seiko Instruments Inc
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8520 SII-S8520 Datasheet
2Mb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
logo
Seiko Instruments Inc
S8540 SII-S8540 Datasheet
2Mb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540 SII-S-8540 Datasheet
445Kb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8355 SII-S8355 Datasheet
3Mb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8365 ABLIC-S-8365 Datasheet
1Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.2.1_02
logo
Seiko Instruments Inc
S8365 SII-S8365 Datasheet
3Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8365 SII-S-8365 Datasheet
1Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com