Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S8365 Datasheet(PDF) 47 Page - Seiko Instruments Inc

Part # S8365
Description  STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8365 Datasheet(HTML) 47 Page - Seiko Instruments Inc

Back Button S8365 Datasheet HTML 43Page - Seiko Instruments Inc S8365 Datasheet HTML 44Page - Seiko Instruments Inc S8365 Datasheet HTML 45Page - Seiko Instruments Inc S8365 Datasheet HTML 46Page - Seiko Instruments Inc S8365 Datasheet HTML 47Page - Seiko Instruments Inc S8365 Datasheet HTML 48Page - Seiko Instruments Inc S8365 Datasheet HTML 49Page - Seiko Instruments Inc S8365 Datasheet HTML 50Page - Seiko Instruments Inc S8365 Datasheet HTML 51Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 63 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.2.1_01
S-8365/8366 Series
47
Condition 5 S-8365AABBA (VOUT(S) = 3.3 V)
0.1
10000
100
0
50
70
80
30
10
20
40
60
90
1
10
100
1000
IOUT [mA]
VIN = 1.8 V
VIN = 2.4 V
VIN = 3.0 V
0.1
10000
3.5
2.5
3.0
3.2
3.3
2.8
2.6
2.7
2.9
3.1
3.4
1
10
100
1000
IOUT [mA]
VIN = 1.8 V
VIN = 2.4 V
VIN = 3.0 V
Condition 6 S-8365ABBBA (VOUT(S) = 3.3 V)
0.1
10000
100
0
50
70
80
30
10
20
40
60
90
1
10
100
1000
IOUT [mA]
VIN = 1.8 V
VIN = 2.4 V
VIN = 3.0 V
0.1
10000
3.5
2.5
3.0
3.2
3.3
2.8
2.6
2.7
2.9
3.1
3.4
1
10
100
1000
IOUT [mA]
VIN = 1.8 V
VIN = 2.4 V
VIN = 3.0 V
Condition 7 S-8366AABBA (VOUT(S) = 3.3 V)
0.1
10000
100
0
50
70
80
30
10
20
40
60
90
1
10
100
1000
IOUT [mA]
VIN = 1.8 V
VIN = 2.4 V
VIN = 3.0 V
0.1
10000
3.5
2.5
3.0
3.2
3.3
2.8
2.6
2.7
2.9
3.1
3.4
1
10
100
1000
IOUT [mA]
VIN = 1.8 V
VIN = 2.4 V
VIN = 3.0 V
Condition 8 S-8366ABBBA (VOUT(S) = 3.3 V)
0.1
10000
100
0
50
70
80
30
10
20
40
60
90
1
10
100
1000
IOUT [mA]
VIN = 1.8 V
VIN = 2.4 V
VIN = 3.0 V
0.1
10000
3.5
2.5
3.0
3.2
3.3
2.8
2.6
2.7
2.9
3.1
3.4
1
10
100
1000
IOUT [mA]
VIN = 1.8 V
VIN = 2.4 V
VIN = 3.0 V


Similar Part No. - S8365

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S8365 SATCO-S8365 Datasheet
122Kb / 1P
   9 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G7 base
More results

Similar Description - S8365

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8365 ABLIC-S-8365 Datasheet
1Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.2.1_02
logo
Seiko Instruments Inc
S-8365 SII-S-8365 Datasheet
1Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8363 SII-S8363 Datasheet
2Mb / 50P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
logo
ABLIC Inc.
S-8363 ABLIC-S-8363 Datasheet
792Kb / 50P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
Rev.2.0_02
logo
Seiko Instruments Inc
S8355 SII-S8355 Datasheet
3Mb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8355 ABLIC-S-8355 Datasheet
853Kb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.8.1_02
logo
Seiko Instruments Inc
S8520 SII-S8520 Datasheet
2Mb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
logo
Seiko Instruments Inc
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8353 SII-S8353 Datasheet
2Mb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com