Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8357BxxMA Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S-8357BxxMA
Description  STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8357BxxMA Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S-8357BxxMA Datasheet HTML 1Page - Seiko Instruments Inc S-8357BxxMA Datasheet HTML 2Page - Seiko Instruments Inc S-8357BxxMA Datasheet HTML 3Page - Seiko Instruments Inc S-8357BxxMA Datasheet HTML 4Page - Seiko Instruments Inc S-8357BxxMA Datasheet HTML 5Page - Seiko Instruments Inc S-8357BxxMA Datasheet HTML 6Page - Seiko Instruments Inc S-8357BxxMA Datasheet HTML 7Page - Seiko Instruments Inc S-8357BxxMA Datasheet HTML 8Page - Seiko Instruments Inc S-8357BxxMA Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 72 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8355/56/57/58 Series
Rev.8.1_01
4
(2) PWM / PFM Switching Control Products
Table 2
Product Name
Switching
Frequency
kHz
Shutdown
Function
VDD / VOUT
Separate
Type
Package
Application
S-8356KxxMC
100
Yes
Yes
SOT-23-5
Applications requiring variable output voltage
and a shutdown function
S-8356LxxMC
250
Yes
Yes
SOT-23-5
Applications requiring variable output voltage,
a shutdown function, and a thin coil
S-8356MxxMC
300
Yes
Yes
SOT-23-5
Applications requiring variable output voltage,
a shutdown function, and a thin coil
S-8356QxxMC
600
Yes
Yes
SOT-23-5
Applications requiring variable output voltage,
a shutdown function, and a thin coil
S-8358BxxMC
100
Yes
SOT-23-5
Applications requiring a shutdown function
S-8358BxxMA
100
SOT-23-3
Applications not requiring a shutdown function
S-8358BxxUA
100
SOT-89-3
Applications not requiring a shutdown function
S-8358ExxMC
100
Yes
SOT-23-5
Applications in which output voltage is
adjusted by external resistor
S-8358FxxMC
300
Yes
SOT-23-5
Applications requiring a shutdown function
and a thin coil
S-8358GxxMC
300
Yes
SOT-23-5
Applications requiring variable output voltage
and a thin coil
S-8358HxxMC
250
Yes
SOT-23-5
Applications requiring a shutdown function
and a thin coil
S-8358JxxMC
250
Yes
SOT-23-5
Applications requiring variable output voltage
with an external resistor and a thin coil
S-8358NxxMC
600
Yes
SOT-23-5
Applications requiring a shutdown function
and a thin coil
S-8358PxxMC
600
Yes
SOT-23-5
Applications requiring variable output voltage
with an external resistor and a thin coil
2. Package and Function List by Product Type
Table 3
Series Name
Type
Package Name
(Abbreviation)
Shutdown Function
Yes / No
VDD / VOUT Separate
Type
Yes / No
S-8355 Series,
S-8356 Series
K, L, M, Q (Shutdown function
+ VDD / VOUT
separate type)
K = 100 kHz, L = 250 kHz, M = 300 kHz,
Q = 600 kHz
MC
Yes
Yes
S-8357 Series
B, H, F (Normal product)
B = 100 kHz, H = 250 kHz, F = 300 kHz
MA / UA
No
No
MC
Yes
N (Normal product)
N = 600 kHz
MC
Yes
No
E, J, G, P (VDD / VOUT separate type)
E = 100 kHz, J = 250 kHz, G = 300 kHz,
P = 600 kHz
MC
No
Yes
S-8358 Series
B, H, F (Normal product)
B = 100 kHz, H = 250 kHz, F = 300 kHz
MA / UA
No
No
MC
Yes
N (Normal product)
N = 600 kHz
MC
Yes
No
E, J, G, P (VDD / VOUT separate type)
E = 100 kHz, J = 250 kHz, G = 300 kHz,
P = 600 kHz
MC
No
Yes


Similar Part No. - S-8357BxxMA

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8357BXXMA ABLIC-S-8357BXXMA Datasheet
853Kb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.8.1_02
More results

Similar Description - S-8357BxxMA

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8355 ABLIC-S-8355 Datasheet
853Kb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.8.1_02
logo
Seiko Instruments Inc
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8540 SII-S8540 Datasheet
2Mb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540 SII-S-8540 Datasheet
445Kb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8365 ABLIC-S-8365 Datasheet
1Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.2.1_02
logo
Seiko Instruments Inc
S8365 SII-S8365 Datasheet
3Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8365 SII-S-8365 Datasheet
1Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8520 SII-S8520 Datasheet
2Mb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
logo
Seiko Instruments Inc
S8363 SII-S8363 Datasheet
2Mb / 50P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com