Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8355LxxMC Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S-8355LxxMC
Description  STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8355LxxMC Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S-8355LxxMC Datasheet HTML 3Page - Seiko Instruments Inc S-8355LxxMC Datasheet HTML 4Page - Seiko Instruments Inc S-8355LxxMC Datasheet HTML 5Page - Seiko Instruments Inc S-8355LxxMC Datasheet HTML 6Page - Seiko Instruments Inc S-8355LxxMC Datasheet HTML 7Page - Seiko Instruments Inc S-8355LxxMC Datasheet HTML 8Page - Seiko Instruments Inc S-8355LxxMC Datasheet HTML 9Page - Seiko Instruments Inc S-8355LxxMC Datasheet HTML 10Page - Seiko Instruments Inc S-8355LxxMC Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 72 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.8.1_01
S-8355/56/57/58 Series
7
5. Product Name List
(1) S-8355 Series
Table 4
Output
voltage
S-8355KxxMC
Series
S-8355LxxMC
Series
S-8355MxxMC
Series
S-8355QxxMC
Series
1.5 V
S-8355L15MC-NCAT2x
S-8355Q15MC-OWAT2x
1.8 V
S-8355K18MC-NADT2x
S-8355M18MC-MCDT2x
S-8355Q18MC-OWDT2x
2.0 V
S-8355K20MC-NAFT2x
S-8355L20MC-NCFT2x
S-8355M20MC-MCFT2x
S-8355Q20MC-OWFT2x
2.4 V
S-8355K24MC-NAJT2x
S-8355Q24MC-OWJT2x
2.8 V
S-8355Q28MC-OWNT2x
3.0 V
S-8355K30MC-NAPT2x
S-8355M30MC-MCPT2x
S-8355Q30MC-OWPT2x
3.1 V
S-8355K31MC-NAQT2x
S-8355M31MC-MCQT2x
S-8355Q31MC-OWQT2x
3.2 V
S-8355M32MC-MCRT2x
3.3 V
S-8355K33MC-NAST2x
S-8355Q33MC-OWST2x
3.4 V
S-8355M34MC-MCTT2x
S-8355Q34MC-OWTT2x
4.5 V
S-8355Q45MC-OXET2x
5.0 V
S-8355K50MC-NBJT2x
S-8355M50MC-MDJT2x
S-8355Q50MC-OXJT2x
5.1 V
S-8355Q51MC-OXKT2x
5.5 V
S-8355M55MC-MDOT2x
6.0 V
S-8355M60MC-MDTT2x
S-8355Q60MC-OXTT2x
6.5 V
S-8355M65MC-MDYT2x
Remark 1. Please contact the SII Semiconductor Corporation marketing department for products with an output voltage other
than those specified above.
2. x: G or U
3. Please select products of environmental code = U for Sn 100%, halogen-free products.
(2) S-8356 Series
Table 5
Output
voltage
S-8356KxxMC
Series
S-8356LxxMC
Series
S-8356MxxMC
Series
S-8356QxxMC
Series
1.5 V
S-8356M15MC-MEAT2x
1.8 V
S-8356K18MC-NEDT2x
S-8356M18MC-MEDT2x
S-8356Q18MC-OYDT2x
2.8 V
S-8356Q28MC-OYNT2x
3.0 V
S-8356K30MC-NEPT2x
S-8356L30MC-NGPT2x
S-8356M30MC-MEPT2x
S-8356Q30MC-OYPT2x
3.1 V
S-8356M31MC-MEQT2x
S-8356Q31MC-OYQT2x
3.3 V
S-8356K33MC-NEST2x
S-8356M33MC-MEST2x
S-8356Q33MC-OYST2x
3.5 V
S-8356M35MC-MEUT2x
S-8356Q35MC-OYUT2x
3.6 V
S-8356K36MC-NEVT2x
S-8356M36MC-MEVT2x
4.0 V
S-8356K40MC-NEZT2x
S-8356Q40MC-OYZT2x
5.0 V
S-8356K50MC-NFJT2x
S-8356M50MC-MFJT2x
S-8356Q50MC-OVJT2x
5.3 V
S-8356Q53MC-OVMT2x
Remark 1. Please contact the
SII Semiconductor Corporation marketing department for products with an output voltage
other than those specified above.
2. x: G or U
3. Please select products of environmental code = U for Sn 100%, halogen-free products.


Similar Part No. - S-8355LxxMC

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8355LXXMC ABLIC-S-8355LXXMC Datasheet
853Kb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.8.1_02
More results

Similar Description - S-8355LxxMC

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8355 ABLIC-S-8355 Datasheet
853Kb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.8.1_02
logo
Seiko Instruments Inc
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8540 SII-S8540 Datasheet
2Mb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540 SII-S-8540 Datasheet
445Kb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8365 ABLIC-S-8365 Datasheet
1Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.2.1_02
logo
Seiko Instruments Inc
S8365 SII-S8365 Datasheet
3Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8365 SII-S-8365 Datasheet
1Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8520 SII-S8520 Datasheet
2Mb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
logo
Seiko Instruments Inc
S8363 SII-S8363 Datasheet
2Mb / 50P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com