Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S8363 Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S8363
Description  STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8363 Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S8363 Datasheet HTML 6Page - Seiko Instruments Inc S8363 Datasheet HTML 7Page - Seiko Instruments Inc S8363 Datasheet HTML 8Page - Seiko Instruments Inc S8363 Datasheet HTML 9Page - Seiko Instruments Inc S8363 Datasheet HTML 10Page - Seiko Instruments Inc S8363 Datasheet HTML 11Page - Seiko Instruments Inc S8363 Datasheet HTML 12Page - Seiko Instruments Inc S8363 Datasheet HTML 13Page - Seiko Instruments Inc S8363 Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM/PFM SWITCHABLE SWITCHING REGULATOR
S-8363 Series
Rev.2.0_01
10
2. 3 Schottky barrier diode
A schottky barrier diode (SD) is necessary to operate the S-8363 Series. The VOUT pin also works as the
power supply pin. The voltage applied on the VOUT pin when
OFF
/
ON
= “L” is VIN
− VD. VD is forward voltage
for step-down of SD, and largely varies depending on the forward current If of SD and ambient temperature, but
Vd is approx. 0.2 V to 0.5 V.
When the S-8363 Series startups from 0.9 V, use a SD with specially low VD. When using CRS08 for the
S-8363 Series, start-up is guaranteed when Ta =
+25°C and a load current of 1 mA.
Satisfy the following conditions when using other SDs.
• Low forward voltage (VD)
• High switching speed
• Reverse withstand voltage of VOUT + spike voltage or more
• Rated current of IPK or more
Table 7 Typical Schottky Diodes
Manufacturer
Name
TOSHIBA CORPORATION
CRS02
CRS08
ROHM Co., Ltd.
RB161M-20TR
RB051LA-40TR
RB070M-30TR
RB161SS-20T2R
Remark
Generally, in diodes with low forward volage VD, reverse leakage current Ir tends to increases.
Especially, increase of Ir in high temperature is significant. To prevent decrease in efficiency, choose a
diode with low Ir when low voltage start-up is unnecessary.


Similar Part No. - S8363

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S8363 SATCO-S8363 Datasheet
123Kb / 1P
   7 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G7 base
More results

Similar Description - S8363

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8363 ABLIC-S-8363 Datasheet
792Kb / 50P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
Rev.2.0_02
S-8365 ABLIC-S-8365 Datasheet
1Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.2.1_02
logo
Seiko Instruments Inc
S8365 SII-S8365 Datasheet
3Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8365 SII-S-8365 Datasheet
1Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8355 SII-S8355 Datasheet
3Mb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8355 ABLIC-S-8355 Datasheet
853Kb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.8.1_02
logo
Seiko Instruments Inc
S-8363B-I6T1U2 SII-S-8363B-I6T1U2 Datasheet
2Mb / 50P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR
S-8321 SII-S-8321 Datasheet
1Mb / 26P
   SMALL PACKAGE PFM CONTROL STEP-UP SWITCHING REGULATOR
S8353 SII-S8353 Datasheet
2Mb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com