Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S8353 Datasheet(PDF) 23 Page - Seiko Instruments Inc

Part # S8353
Description  STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8353 Datasheet(HTML) 23 Page - Seiko Instruments Inc

Back Button S8353 Datasheet HTML 19Page - Seiko Instruments Inc S8353 Datasheet HTML 20Page - Seiko Instruments Inc S8353 Datasheet HTML 21Page - Seiko Instruments Inc S8353 Datasheet HTML 22Page - Seiko Instruments Inc S8353 Datasheet HTML 23Page - Seiko Instruments Inc S8353 Datasheet HTML 24Page - Seiko Instruments Inc S8353 Datasheet HTML 25Page - Seiko Instruments Inc S8353 Datasheet HTML 26Page - Seiko Instruments Inc S8353 Datasheet HTML 27Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 49 page
background image
STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
Rev.3.0_01
S-8353/8354 Series
23
(3) S-8353DxxMC, S-8353JxxMC, S-8354DxxMC, S-8354JxxMC
L
SD
VIN
CIN
VDD
Soft start built-in
reference power
supply
Phase
compensating
circuit
Oscillation circuit
PWM control circuit
or PWM / PFM
switching control
circuit
CONT
VSS
RB
RA
CC
VOUT
CL
+
IC internal
power
supply
+
+
Remark
The power supply for the IC chip is from the VOUT pin.
Figure 15
Caution
The Above connection diagram will not guarantee successful operation.
Perform through
evaluation using the actual application to set the constant.


Similar Part No. - S8353

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S8350 SATCO-S8350 Datasheet
123Kb / 1P
   32 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; GX24q-3 (4-Pin) base
logo
Roithner LaserTechnik G...
S83500MG ROITHNER-S83500MG Datasheet
599Kb / 5P
   multi mode
S8350MG ROITHNER-S8350MG Datasheet
589Kb / 5P
   multi mode
logo
Seiko Instruments Inc
S8351 SII-S8351 Datasheet
2Mb / 51P
   STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
logo
Satco Products, Inc.
S8351 SATCO-S8351 Datasheet
123Kb / 1P
   32 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; GX24q-3 (4-Pin) base
More results

Similar Description - S8353

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8353 ABLIC-S-8353 Datasheet
567Kb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
Rev.3.0_02
logo
Seiko Instruments Inc
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8520 SII-S8520 Datasheet
2Mb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
logo
Seiko Instruments Inc
S8540 SII-S8540 Datasheet
2Mb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540 SII-S-8540 Datasheet
445Kb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8355 SII-S8355 Datasheet
3Mb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8365 ABLIC-S-8365 Datasheet
1Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.2.1_02
logo
Seiko Instruments Inc
S8365 SII-S8365 Datasheet
3Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8365 SII-S-8365 Datasheet
1Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com