Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S8353 Datasheet(PDF) 20 Page - Seiko Instruments Inc

Part # S8353
Description  STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8353 Datasheet(HTML) 20 Page - Seiko Instruments Inc

Back Button S8353 Datasheet HTML 16Page - Seiko Instruments Inc S8353 Datasheet HTML 17Page - Seiko Instruments Inc S8353 Datasheet HTML 18Page - Seiko Instruments Inc S8353 Datasheet HTML 19Page - Seiko Instruments Inc S8353 Datasheet HTML 20Page - Seiko Instruments Inc S8353 Datasheet HTML 21Page - Seiko Instruments Inc S8353 Datasheet HTML 22Page - Seiko Instruments Inc S8353 Datasheet HTML 23Page - Seiko Instruments Inc S8353 Datasheet HTML 24Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
S-8353/8354 Series
Rev.3.0_01
20
External Parts Selection
The relationship between the major characteristics of the step-up circuit and the characteristic parameters of the external
parts is shown in Figure 12.
For larger output current ?
For higher efficiency ?
For smaller ripple voltage ?
At PFM control
At PWM control
Smaller inductance
Larger inductance
Smaller direct current resistance of inductor
Larger output capacitance
Larger output capacitance
Figure 12 Relationship between Major Characteristics of Step-up Circuit and External Parts
1. Inductor
The inductance value (L value) has a strong influence on the maximum output current (IOUT) and efficiency (
η).
The peak current (IPK) increases by decreasing L value and the stability of the circuit improves and IOUT increases. If L
value is decreased, the efficiency falls causing a decline in the current drive capacity for the switching transistor, and
IOUT decreases.
The loss of IPK by the switching transistor decreases by increasing L and the efficiency becomes maximum at a
certain L value. Further increasing L value decreases the efficiency due to the loss of the direct current resistance of
the coil. IOUT also decreases.
A higher oscillation frequency allows selection of a lower L value, making the coil smaller.
The recommended inductances are a 47
μH to 220 μH for A, C, and D types, a 10 μH to 47 μH for H and J types.
Be careful of the allowable inductor current when choosing an inductor. Exceeding the allowable current of the
inductor causes magnetic saturation, much lower efficiency and destruction of the IC chip due to a large current.
Choose an inductor so that IPK does not exceed the allowable current. IPK in discontinuous mode is calculated by the
following equation:
L
f
)
V
V
V
(
I
2
I
OSC
IN
D
OUT
OUT
PK
+
=
(A)
(17)
fosc = oscillation frequency, VD
0.4 V.
2. Diode
Use an external diode that meets the following requirements :
• Low forward voltage : VF
< 0.3 V
• High switching speed : 50 ns max.
• Reverse voltage :
VOUT
+ VF or more
• Current rate :
IPK or more


Similar Part No. - S8353

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S8350 SATCO-S8350 Datasheet
123Kb / 1P
   32 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; GX24q-3 (4-Pin) base
logo
Roithner LaserTechnik G...
S83500MG ROITHNER-S83500MG Datasheet
599Kb / 5P
   multi mode
S8350MG ROITHNER-S8350MG Datasheet
589Kb / 5P
   multi mode
logo
Seiko Instruments Inc
S8351 SII-S8351 Datasheet
2Mb / 51P
   STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
logo
Satco Products, Inc.
S8351 SATCO-S8351 Datasheet
123Kb / 1P
   32 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; GX24q-3 (4-Pin) base
More results

Similar Description - S8353

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8353 ABLIC-S-8353 Datasheet
567Kb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
Rev.3.0_02
logo
Seiko Instruments Inc
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8520 SII-S8520 Datasheet
2Mb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
logo
Seiko Instruments Inc
S8540 SII-S8540 Datasheet
2Mb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540 SII-S-8540 Datasheet
445Kb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8355 SII-S8355 Datasheet
3Mb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8365 ABLIC-S-8365 Datasheet
1Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.2.1_02
logo
Seiko Instruments Inc
S8365 SII-S8365 Datasheet
3Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8365 SII-S-8365 Datasheet
1Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com