Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSC2200 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # TSC2200
Description  PDA ANALOG INTERFACE CIRCUIT
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TSC2200 Datasheet(HTML) 5 Page - Burr-Brown (TI)

  TSC2200 Datasheet HTML 1Page - Burr-Brown (TI) TSC2200 Datasheet HTML 2Page - Burr-Brown (TI) TSC2200 Datasheet HTML 3Page - Burr-Brown (TI) TSC2200 Datasheet HTML 4Page - Burr-Brown (TI) TSC2200 Datasheet HTML 5Page - Burr-Brown (TI) TSC2200 Datasheet HTML 6Page - Burr-Brown (TI) TSC2200 Datasheet HTML 7Page - Burr-Brown (TI) TSC2200 Datasheet HTML 8Page - Burr-Brown (TI) TSC2200 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
5
www.ti.com
TSC2200
SBAS191F
TYPICAL CHARACTERISTICS
At TA = +25°C, +VDD = +2.7V, conversion clock = 2MHz, 12-bit mode, and VREF = +2.5V, unless otherwise noted.
CONVERSION SUPPLY CURRENT vs TEMPERATURE
0
–60
100
–40
–20
20
Temperature (
°C)
1.86
1.85
1.84
1.83
1.82
1.81
1.80
1.79
1.78
40
60
80
POWER-DOWN SUPPLY CURRENT
vs TEMPERATURE
20
–40
100
–20
0
40
Temperature (
°C)
10
8
6
4
2
0
60
80
POWER-DOWN SUPPLY CURRENT vs
SUPPLY VOLTAGE
3.1
2.7
3.7
3.3
Supply Voltage (V)
0.30
0.25
0.20
0.15
0.10
0.05
0
3.5
2.9
INTERNAL OSCILLATOR FREQUENCY vs V
DD
3.1
2.5
3.7
2.7
3.3
V
DD (V)
8.7
8.6
8.5
8.4
8.3
8.2
8.1
3.5
2.9
CHANGE IN GAIN ERROR vs TEMPERATURE
0
–60
100
–40
–20
20
Temperature (
°C)
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
40
60
80
CHANGE IN OFFSET ERROR vs TEMPERATURE
0
–60
100
–40
–20
20
Temperature (
°C)
40
60
80
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5


Similar Part No. - TSC2200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2200 TI1-TSC2200 Datasheet
1Mb / 45P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
TSC2200IPW TI1-TSC2200IPW Datasheet
1Mb / 45P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
TSC2200IPWG4 TI1-TSC2200IPWG4 Datasheet
1Mb / 45P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
TSC2200IPWR TI1-TSC2200IPWR Datasheet
1Mb / 45P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
TSC2200IPWRG4 TI1-TSC2200IPWRG4 Datasheet
1Mb / 45P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
More results

Similar Description - TSC2200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2000 TI-TSC2000 Datasheet
498Kb / 34P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
TSC2000 TI-TSC2000_08 Datasheet
514Kb / 35P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
TSC2000 TI1-TSC2000_13 Datasheet
1Mb / 38P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
TSC2200 TI1-TSC2200_16 Datasheet
1Mb / 45P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
TLC32040M TI-TLC32040M Datasheet
202Kb / 30P
[Old version datasheet]   ANALOG INTERFACE CIRCUIT
TLC320AD56 TI1-TLC320AD56 Datasheet
218Kb / 42P
[Old version datasheet]   Sigma-Delta Analog Interface Circuit
TLC32047C TI-TLC32047C Datasheet
303Kb / 61P
[Old version datasheet]   Wide-Band Analog Interface Circuit
TLC320AC01C TI1-TLC320AC01C_15 Datasheet
449Kb / 92P
[Old version datasheet]   Single-Supply Analog Interface Circuit
TLC320AC02C TI1-TLC320AC02C_15 Datasheet
482Kb / 86P
[Old version datasheet]   Single-Supply Analog Interface Circuit
TLC32046CFN TI-TLC32046CFN Datasheet
247Kb / 56P
[Old version datasheet]   Wide-Band Analog Interface Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com