Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD1513 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # 2SD1513
Description  TO-92 Plastic-Encapsulate Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SD1513 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SD1513 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SD1513 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SD1513 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TO – 92
1. EMITTER
2. COLLECTOR
3. BASE
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92 Plastic-Encapsulate Transistors
2SD1513
TRANSISTOR (NPN)
FEATURES
Low Collector Saturation
High DC Current Gain
Complementary to The 2SB1068 PNP Transistor
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC= 0.1mA,IE=0
20
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA,IB=0
16
V
Emitter-base breakdown voltage
V(BR)EBO
IE=0.1mA,IC=0
6
V
Collector cut-off current
ICBO
VCB=16V,IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=6V,IC=0
0.1
μA
hFE(1)
VCE=2V, IC=100mA
135
650
DC current gain
hFE(2)
VCE=2V, IC=1.5A
100
VCE(sat)(1)
IC=1A,IB=10mA
0.4
V
VCE(sat)(2)
IC=1.5A,IB=20mA
0.5
V
Collector-emitter saturation voltage
VCE(sat)(3)
IC=1.5A,IB=75mA
0.5
V
Base-emitter saturation voltage
VBE (sat)
IC=1.5mA,IB=75mA
1.2
V
Base-emitter voltage
VBE
VCE=6V, IC=5mA
0.55
0.65
V
Collector output capacitance
Cob
VCB=10V,IE=0, f=1MHz
28
pF
Transition frequency
fT
VCE=10V,IC=50mA
100
MHz
CLASSIFICATION OF hFE1
RANK
L
K
U
RANGE
135-270
200-400
300-650
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
20
V
VCEO
Collector-Emitter Voltage
16
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current
2
A
PC
Collector Power Dissipation
625
mW
RθJA
Thermal Resistance From Junction To Ambient
200
℃/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150
www.cj-elec.com
1
C,Dec,2015


Similar Part No. - 2SD1513

ManufacturerPart #DatasheetDescription
logo
NEC
2SD1513 NEC-2SD1513 Datasheet
149Kb / 2P
   Driver and output stages of audio frequency amplifiers
logo
Foshan Blue Rocket Elec...
2SD1513 FOSHAN-2SD1513 Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
logo
Nanjing International G...
2SD1513 DGNJDZ-2SD1513 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
2SD1513-TA DGNJDZ-2SD1513-TA Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
More results

Similar Description - 2SD1513

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
   TO-92 Plastic-Encapsulate Transistors (TO-92)
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
AV1015 AVICTEK-AV1015 Datasheet
423Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV1815 AVICTEK-AV1815 Datasheet
404Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV4401 AVICTEK-AV4401 Datasheet
478Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SC2001 JIANGSU-2SC2001 Datasheet
802Kb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
S9014-TO-92 HDSEMI-S9014-TO-92 Datasheet
2Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD1835 JIANGSU-2SD1835 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC237 JIANGSU-BC237 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC327 JIANGSU-BC327 Datasheet
534Kb / 4P
   TO-92 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com