Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS5A1066 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TS5A1066
Description  10 OHM SPST ANALOG SWITCH
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A1066 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TS5A1066 Datasheet HTML 3Page - Texas Instruments TS5A1066 Datasheet HTML 4Page - Texas Instruments TS5A1066 Datasheet HTML 5Page - Texas Instruments TS5A1066 Datasheet HTML 6Page - Texas Instruments TS5A1066 Datasheet HTML 7Page - Texas Instruments TS5A1066 Datasheet HTML 8Page - Texas Instruments TS5A1066 Datasheet HTML 9Page - Texas Instruments TS5A1066 Datasheet HTML 10Page - Texas Instruments TS5A1066 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
TS5A1066
10 W SPST ANALOG SWITCH
SCDS185A − JANUARY 2005 − REVISED JANUARY 2005
www.ti.com
7
Electrical Characteristics for 2.5-V Supply(1)
V+ = 2.3 V to 2.7 V, TA = −40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Analog Switch
Analog signal range
VCOM,
VNO
0
V+
V
ON-state resistance
ron
0
≤ VNO ≤ V+,
Switch ON,
25
°C
2.3 V
20
24
ON-state resistance
ron
0
≤ VNO ≤ V+,
ICOM = −8 mA,
Switch ON,
See Figure 13
Full
2.3 V
27
ON-state resistance
ron(flat)
0
≤ VNO ≤ V+,
Switch ON,
25
°C
2.3 V
7.5
15
ON-state resistance
flatness
ron(flat)
0
≤ VNO ≤ V+,
ICOM = −8 mA,
Switch ON,
See Figure 13
Full
2.3 V
20
NO
INO(OFF)
VNO = 0.5 V, VCOM = 2.2 V,
or
Switch OFF,
25
°C
2.7 V
−0.2
0.1
0.2
A
NO
OFF leakage current
INO(OFF)
NO
COM
or
VNO = 2.2 V, VCOM = 0.5 V,
Switch OFF,
See Figure 14
Full
2.7 V
−2
2
µA
COM
ICOM(OFF)
VCOM = 0.5 V, VNO = 2.2 V,
or
Switch OFF,
25
°C
2.7 V
−0.1
0.05
0.1
A
COM
OFF leakage current
ICOM(OFF)
COM
NO
or
VCOM = 2.2 V, VNO = 0.5 V,
Switch OFF,
See Figure 14
Full
2.7 V
−0.2
0.2
µA
NO
INO(ON)
VNO = 0.5 V, VCOM = Open,
or
Switch ON,
25
°C
2.7 V
−0.2
0.1
0.2
A
NO
ON leakage current
INO(ON)
NO
COM
or
VNO = 2.2 V, VCOM = Open,
Switch ON,
See Figure 15
Full
2.7 V
−2
2
µA
COM
ICOM(ON)
VCOM = 0.5 V, VNO = Open,
or
Switch ON,
25
°C
2.7 V
−0.1
0.05
0.1
A
COM
ON leakage current
ICOM(ON)
COM
NO
or
VCOM = 2.2 V, VNO = Open,
Switch ON,
See Figure 15
Full
2.7 V
−0.2
0.2
µA
Digital Control Input (IN)
Input logic high
VIH
Full
V+ × 0.7
5.5
V
Input logic low
VIL
Full
0
V+ × 0.3
V
Input leakage
IIH, IIL
VI = 5.5 V or 0
25
°C
2.7 V
−0.1
0.05
0.1
A
Input leakage
current
IIH, IIL
VI = 5.5 V or 0
Full
2.7 V
−1
1
µA
(1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum


Similar Part No. - TS5A1066

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A1066 TI-TS5A1066 Datasheet
600Kb / 26P
[Old version datasheet]   10-W SPST ANALOG SWITCH
TS5A1066DBVR TI-TS5A1066DBVR Datasheet
600Kb / 26P
[Old version datasheet]   10-W SPST ANALOG SWITCH
TS5A1066DBVRE4 TI-TS5A1066DBVRE4 Datasheet
600Kb / 26P
[Old version datasheet]   10-W SPST ANALOG SWITCH
TS5A1066DBVRG4 TI-TS5A1066DBVRG4 Datasheet
600Kb / 26P
[Old version datasheet]   10-W SPST ANALOG SWITCH
TS5A1066DCKR TI-TS5A1066DCKR Datasheet
600Kb / 26P
[Old version datasheet]   10-W SPST ANALOG SWITCH
More results

Similar Description - TS5A1066

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX4596 TI-MAX4596 Datasheet
148Kb / 13P
[Old version datasheet]   SINGLE-CHANNEL 10-ohm SPST ANALOG SWITCH
MAX4596DCKRG4 TI1-MAX4596DCKRG4 Datasheet
679Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10-OHM SPST ANALOG SWITCH
MAX4594DCKRG4 TI1-MAX4594DCKRG4 Datasheet
679Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 OHM SPST ANALOG SWITCH
logo
National Semiconductor ...
TS5A3166 NSC-TS5A3166 Datasheet
375Kb / 21P
   0.9-OHM SPST ANALOG SWITCH
logo
Texas Instruments
TS5A3167 TI-TS5A3167 Datasheet
270Kb / 20P
[Old version datasheet]   0.9 OHM SPST ANALOG SWITCH
TS5A1066 TI-TS5A1066_15 Datasheet
922Kb / 30P
[Old version datasheet]   10-廓 SPST ANALOG SWITCH
TS5A1066 TI-TS5A1066_10 Datasheet
600Kb / 26P
[Old version datasheet]   10-W SPST ANALOG SWITCH
TS5A4597 TI-TS5A4597 Datasheet
157Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
logo
Pericom Semiconductor C...
PI5A3166 PERICOM-PI5A3166 Datasheet
349Kb / 9P
   Low Voltage SPST 0.8(ohm) Analog Switch
logo
Texas Instruments
TS5A4594 TI-TS5A4594 Datasheet
157Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com