Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS81313LQ18GK-714 Datasheet(PDF) 10 Page - GSI Technology

Part # GS81313LQ18GK-714
Description  4Mb x 36 and 8Mb x 18 organizations available
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS81313LQ18GK-714 Datasheet(HTML) 10 Page - GSI Technology

Back Button GS81313LQ18GK-714 Datasheet HTML 6Page - GSI Technology GS81313LQ18GK-714 Datasheet HTML 7Page - GSI Technology GS81313LQ18GK-714 Datasheet HTML 8Page - GSI Technology GS81313LQ18GK-714 Datasheet HTML 9Page - GSI Technology GS81313LQ18GK-714 Datasheet HTML 10Page - GSI Technology GS81313LQ18GK-714 Datasheet HTML 11Page - GSI Technology GS81313LQ18GK-714 Datasheet HTML 12Page - GSI Technology GS81313LQ18GK-714 Datasheet HTML 13Page - GSI Technology GS81313LQ18GK-714 Datasheet HTML 14Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
GS81313LQ18/36GK-800/714/600
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.13 7/2016
10/26
© 2014, GSI Technology
Driver Impedance Control
Programmable Driver Impedance is implemented on the following output signals:
• CQ, CQ, Q, QVLD.
Driver impedance is programmed by connecting an external resistor RQ between the ZQ pin and VSS.
Driver impedance is set to the programmed value within 160K cycles after input clocks are operating within specification and RST
is de-asserted Low. It is updated periodically thereafter to compensate for temperature and voltage fluctuations in the system.
Output Signal
Pull-Down Impedance (ROUTL)
Pull-Up Impedance (ROUTH)
CQ, CQ, Q, QVLD
RQ*0.2
 15%
RQ*0.2
 15%
Notes:
1. ROUTL and ROUTH apply when 175 RQ  225.
2. The mismatch between ROUTL and ROUTH is less than 10%, guaranteed by design.
ODT Impedance Control
Programmable ODT Impedance is implemented on the following input signals:
• CK, CK, KD, KD, SA, R, W, D.
ODT impedance is programmed by connecting an external resistor RT between the ZT pin and VSS.
ODT impedance is set to the programmed value within 160K cycles after input clocks are operating within specification and RST
is de-asserted Low. It is updated periodically thereafter to compensate for temperature and voltage fluctuations in the system
Input Signal
PZT[1:0]
MZT[1:0]
Pull-Down Impedance (RINL)
Pull-Up Impedance (RINH)
CK, CK, KD, KD
X0
XX
disabled
disabled
X1
01
RT
 15%
RT
 15%
10
RT*2
 20%
RT*2
 20%
SA, R, W
0X
XX
disabled
disabled
1X
01
RT
 15%
RT
 15%
10
RT*2
 20%
RT*2
 20%
D
XX
01
RT
 15%
RT
 15%
10
RT*2
 20%
RT*2
 20%
Notes:
1. When MZT[1:0] = 00, ODT is disabled on all inputs. MZT[1:0] = 11 is reserved for future use.
2. RINL and RINH apply when 105 RT  135
3. The mismatch between RINL and RINH is less than 10%, guaranteed by design.
4. All ODT is disabled during JTAG EXTEST and SAMPLE-Z instructions.
Note: When ODT impedance is enabled on a particular input, that input should always be driven High or Low; it should never be
tri-stated (i.e., in a High- Z state). If the input is tri-stated, the ODT will pull the signal to VDDQ / 2 (i.e., to the switch point of the
diff-amp receiver), which could cause the receiver to enter a meta-stable state and consume more power than it normally would.
This could result in the device’s operating currents being higher.


Similar Part No. - GS81313LQ18GK-714

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS81313LQ18GK-600 GSI-GS81313LQ18GK-600 Datasheet
352Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
GS81313LQ18GK-800 GSI-GS81313LQ18GK-800 Datasheet
352Kb / 26P
   144Mb SigmaQuad-IIIe Burst of 2 ECCRAM
GS81313LQ18GK-800I GSI-GS81313LQ18GK-800I Datasheet
352Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
More results

Similar Description - GS81313LQ18GK-714

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS81313LQ18GK-600 GSI-GS81313LQ18GK-600 Datasheet
352Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
GS81313LD36GK-714I GSI-GS81313LD36GK-714I Datasheet
357Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
GS81313LQ18GK-800I GSI-GS81313LQ18GK-800I Datasheet
352Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
GS81313LD36GK-625 GSI-GS81313LD36GK-625 Datasheet
369Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
GS81313LD36GK-625I GSI-GS81313LD36GK-625I Datasheet
357Kb / 25P
   4Mb x 36 and 8Mb x 18 organizations available
GS81313LD36GK-833I GSI-GS81313LD36GK-833I Datasheet
357Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
GS82583ED18GK-500 GSI-GS82583ED18GK-500 Datasheet
470Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583EQ18GK-500I GSI-GS82583EQ18GK-500I Datasheet
463Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583EQ36GK-500 GSI-GS82583EQ36GK-500 Datasheet
463Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583EQ18GK-400I GSI-GS82583EQ18GK-400I Datasheet
463Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com