Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE1682 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE1682
Description  Integrated Circuit Pre-Amplifier Circuit for Remote Control Signal Receivers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1682 Datasheet(HTML) 1 Page - NTE Electronics

  NTE1682 Datasheet HTML 1Page - NTE Electronics NTE1682 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE1682
Integrated Circuit
Pre–Amplifier Circuit for
Remote Control Signal Receivers
Description:
The NTE1682 is an integrated circuit in a 9–Lead SIP type package designed for use in infrared and
various types of remote control signal receivers.
Features:
D High Sensitivity, High Gain, Low Noise
D Waveform Shaping Circuit
D Voltage Regulator Circuit
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Supply Voltage, VCC
15.6V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply Current, ICC
25mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation, PD
400mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Ambient Temperature Range, Topr
–20
° to +75°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperatuere Range, Tstg
–55
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Operating Supply Voltage Range
VCC
9.6
12.0
14.4
V
Supply Current
ICC
VCC = 12V, Input Open
5
8
10
mA
Bias Voltage
V3–5
VCC = 12V, Input Open
1.65
2.4
3.3
V
Amplifier Output Voltage
V7
Vil = 5VP–P Sine Wave, fil = 42kHz, Att: 0db
2.5
3.2
VP–P
Vil = 5VP–P Sine Wave, fil = 42kHz, Att: 80db
0.8
2.3
VP–P
Pulse Output, High Level
V4–5(H)
VCC = 12V, VD = 1.3V to 4.0V
3.5
4.4
5.0
V
Pulse Output, Low Level
V4–5(L)
VCC = 12V, VD = 0V to 0.5V
0.55
0.8
V


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn