Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD0602A Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # 2SD0602A
Description  SOT-23 Plastic-Encapsulate Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SD0602A Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SD0602A Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SD0602A Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SD0602A Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOT-23 Plastic-Encapsulate Transistors
2SD0602A
TRANSISTOR (NPN)
FEATURES
 Low Collector to Emitter Saturation Voltage
 Mini Type Package
MAXIMUM RATINGS (Ta=25℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
50
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current
500
mA
PC
Collector Power Dissipation
200
mW
RΘJA
Thermal Resistance From Junction To Ambient
625
℃/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150
ELECTRICAL CHARACTERISTICS (Ta=25℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=10µA, IE=0
60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=10mA, IB=0
50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=10µA, IC=0
5
V
Collector cut-off current
ICBO
VCB=20V, IE=0
0.1
µA
Emitter cut-off current
IEBO
VEB=5V, IC=0
0.1
µA
hFE(1) *
VCE=10V, IC=0.15A
85
340
DC current gain
hFE(2) *
VCE=10V, IC=0.5A
40
Collector-emitter saturation voltage
VCE(sat)*
IC=0.3A, IB=0.03A
0.6
V
Transition frequency
fT
VCE=10V,IC=0.05A, f=200MHz
200
MHz
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
15
pF
*Pulse test: pulse width ≤350μs, duty cycle≤ 2.0%.
CLASSIFICATION OF hFE(1)
RANK
XQ
XR
XS
RANGE
85–170
120–240
170–340
MARKING
WQ1
WR1
WS1
SOT–23
1. BASE
2. EMITTER
3. COLLECTOR
www.cj-elec.com
1
A,Jun,2014
www.cj-elec.com
B,Oct,2014
JC T


Similar Part No. - 2SD0602A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD0602A PANASONIC-2SD0602A Datasheet
60Kb / 2P
   Silicon NPN epitaxial planer type
logo
Shenzhen Jin Yu Semicon...
2SD0602A HTSEMI-2SD0602A Datasheet
459Kb / 1P
   TRANSISTOR (NPN)
logo
Panasonic Semiconductor
2SD0602A PANASONIC-2SD0602A Datasheet
567Kb / 4P
   Silicon NPN epitaxial planar type
2SD0602A PANASONIC-2SD0602A_13 Datasheet
567Kb / 4P
   Silicon NPN epitaxial planar type
More results

Similar Description - 2SD0602A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9014LT1 ETC-S9014LT1 Datasheet
1Mb / 2P
   SOT-23 Plastic-Encapsulate Transistors
logo
Avic Technology
AV9015LT1 AVICTEK-AV9015LT1 Datasheet
37Kb / 1P
   SOT-23 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
2SC2412 HDSEMI-2SC2412 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC848 HDSEMI-BC848 Datasheet
2Mb / 5P
   SOT-23 Plastic-Encapsulate Transistors
S8550-SOT-23 HDSEMI-S8550-SOT-23 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC817B HDSEMI-BC817B Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC847 HDSEMI-BC847 Datasheet
2Mb / 5P
   SOT-23 Plastic-Encapsulate Transistors
MMBTA06 HDSEMI-MMBTA06 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
S8050 HDSEMI-S8050 Datasheet
1Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
SS8050-SOT-23 HDSEMI-SS8050-SOT-23 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB709A JIANGSU-2SB709A Datasheet
662Kb / 4P
   SOT-23 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com