Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9105 Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC9105
Description  Step-Up DC/DC Converters
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9105 Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC9105 Datasheet HTML 7Page - Torex Semiconductor XC9105 Datasheet HTML 8Page - Torex Semiconductor XC9105 Datasheet HTML 9Page - Torex Semiconductor XC9105 Datasheet HTML 10Page - Torex Semiconductor XC9105 Datasheet HTML 11Page - Torex Semiconductor XC9105 Datasheet HTML 12Page - Torex Semiconductor XC9105 Datasheet HTML 13Page - Torex Semiconductor XC9105 Datasheet HTML 14Page - Torex Semiconductor XC9105 Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
(1) Output Voltage vs. Output Current (Contd.)
XC9103/04/05 Series
Ceramic Cap. Compatible
Step-Up DC/DC Converters
XC9103D095MR (PWM,500kHz,3.3V)
3.0
3.1
3.2
3.3
3.4
3.5
0.1
1
10
100
1000
Output Current IOUT(mA)
2.0V
VIN=0.9V
1.8V
1.2V 1.5V
L=10
µH(CDRH5D18), CL=20µF(ceramic)
SD:MA2Q737, Tr:XP161A1355P
XC9104D095MR (PWM/PFM,500kHz,3.3V)
3.0
3.1
3.2
3.3
3.4
3.5
0.1
1
10
100
1000
Output Current IOUT(mA)
2.0V
VIN=0.9V
1.8V
1.2V
L=10
µH(CDRH5D18), CL=20µF(ceramic)
SD:MA2Q737, Tr:XP161A1355P
1.5V
XC9103D092MR (PWM,180kHz,3.3V)
3.0
3.1
3.2
3.3
3.4
3.5
0.1
1
10
100
1000
Output Current IOUT(mA)
2.0V
VIN=0.9V
1.8V
1.2V
1.5V
L=22
µH(CDRH5D28),CL=47µF(tantalum)
SD:MA2Q737, Tr:XP161A1355P
XC9104D092MR (PWM/PFM,180kHz,3.3V)
3.0
3.1
3.2
3.3
3.4
3.5
0.1
1
10
100
1000
Output Current IOUT(mA)
2.0V
VIN=0.9V
1.8V
1.2V
1.5V
L=22
µH(CDRH5D28), CL=47µF(tantalum)
SD:MA2Q737, Tr:XP161A1355P
XC9103D093MR (PWM,300kHz,3.3V)
3.0
3.1
3.2
3.3
3.4
3.5
0.1
1
10
100
1000
Output Current IOUT(mA)
2.0V
VIN=0.9V
1.8V
1.2V
L=22
µH(CDRH5D28), CL=94µF(tantalum)
SD:MA2Q737, Tr:XP161A1355P
XC9104D093MR (PWM/PFM,300kHz,3.3V)
3.0
3.1
3.2
3.3
3.4
3.5
0.1
1
10
100
1000
Output Current IOUT(mA)
VIN=0.9V
L=22
µH(CDRH5D28), CL=94µF(tantalum)
SD:MA2Q737, Tr:XP161A1355P
2.0V
1.5V
1.2V
1.8V
Semiconductor Ltd.
11


Similar Part No. - XC9105

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9105 TOREX-XC9105 Datasheet
1Mb / 23P
   Ceramic Capacitor Compatible, Step-up DC/DC Controllers
XC9105B091DL TOREX-XC9105B091DL Datasheet
1Mb / 23P
   Ceramic Capacitor Compatible, Step-up DC/DC Controllers
XC9105B091DR TOREX-XC9105B091DR Datasheet
1Mb / 23P
   Ceramic Capacitor Compatible, Step-up DC/DC Controllers
XC9105B091ML TOREX-XC9105B091ML Datasheet
1Mb / 23P
   Ceramic Capacitor Compatible, Step-up DC/DC Controllers
XC9105B091MR TOREX-XC9105B091MR Datasheet
1Mb / 23P
   Ceramic Capacitor Compatible, Step-up DC/DC Controllers
More results

Similar Description - XC9105

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1615IS5-1 LINEAR-LT1615IS5-1 Datasheet
148Kb / 8P
   Micropower Step-Up DC/DC Converters
logo
Maxim Integrated Produc...
MAX8715 MAXIM-MAX8715 Datasheet
288Kb / 14P
   Low-Noise Step-Up DC-DC Converters
Rev 3; 9/05
logo
Unisonic Technologies
UC3383 UTC-UC3383_18 Datasheet
309Kb / 14P
   PFM CONTROLLED, STEP-UP DC/DC CONVERTERS
logo
Maxim Integrated Produc...
MAX1790 MAXIM-MAX1790_V01 Datasheet
293Kb / 14P
   Low-Noise Step-Up DC-DC Converters
2005
logo
Torex Semiconductor
XC6382 TOREX-XC6382 Datasheet
280Kb / 17P
   PFM CONTROLLED STEP UP DC/DC CONVERTERS
0314_XC6385 TOREX-0314_XC6385 Datasheet
179Kb / 7P
   PFM CONTROLLED STEP UP DC/DC CONVERTERS
logo
Unisonic Technologies
UC3383 UTC-UC3383_15 Datasheet
346Kb / 14P
   PFM CONTROLLED, STEP-UP DC/DC CONVERTERS
logo
ams AG
AS1329 AMSCO-AS1329 Datasheet
88Kb / 2P
   Low Voltage, Micropower, DC-DC Step-Up Converters
AS1329 AMSCO-AS1329_1 Datasheet
739Kb / 17P
   Low Voltage, Micropower, DC-DC Step-Up Converters
logo
Linear Technology
LT1930 LINER-LT1930 Datasheet
190Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com