Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320C6202B Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6202B
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6202B Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS320C6202B Datasheet HTML 2Page - Texas Instruments TMS320C6202B Datasheet HTML 3Page - Texas Instruments TMS320C6202B Datasheet HTML 4Page - Texas Instruments TMS320C6202B Datasheet HTML 5Page - Texas Instruments TMS320C6202B Datasheet HTML 6Page - Texas Instruments TMS320C6202B Datasheet HTML 7Page - Texas Instruments TMS320C6202B Datasheet HTML 8Page - Texas Instruments TMS320C6202B Datasheet HTML 9Page - Texas Instruments TMS320C6202B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 105 page
background image
TMS320C6202, TMS320C6202B
FIXED-POINT DIGITAL SIGNAL PROCESSORS
SPRS104I − OCTOBER 1999 − REVISED MARCH 2004
6
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
description (continued)
The C6202/02B device has a powerful and diverse set of peripherals. The peripheral set includes three
multichannel buffered serial ports (McBSPs), two general-purpose timers, a 32-bit expansion bus (XBus) that
offers ease of interface to synchronous or asynchronous industry-standard host bus protocols, and a glueless
32-bit external memory interface (EMIF) capable of interfacing to SDRAM or SBSRAM and asynchronous
peripherals.
The C62x devices have a complete set of development tools which includes: a new C compiler, an assembly
optimizer to simplify programming and scheduling, and a Windows debugger interface for visibility into source
code execution.
device characteristics
Table 1 provides an overview of the TMS320C6202, TMS320C6202B, TMS320C6203B, and the
TMS320C6204 pin-compatible DSPs. The table shows significant features of each device, including the
capacity of on-chip RAM, the peripherals, the execution time, and the package type with pin count, etc. This
data sheet primarily focuses on the functionality of the TMS320C6202/02B devices although it also identifies
to the user the pin-compatibility of the C6202 and C6203B GLS, and the C6204 GLW BGA packages. This data
sheet also identifies the pin-compatibility of the C6202B and the C6203B GNZ and GNY packages. For the
functionality information on the TMS320C6203B device, see the TMS320C6203B Fixed-Point Digital Signal
Processor
data sheet (literature number SPRS086). For the functionality information on the TMS320C6204
device, see the TMS320C6204 Fixed-Point Digital Signal Processor data sheet (literature number SPRS152).
And for more details on the C6000 DSP device part numbers and part numbering, see Table 16 and Figure 4.
C6000 is a trademark of Texas Instruments.
Windows is a registered trademark of the Microsoft Corporation.


Similar Part No. - TMS320C6202B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6202B TI-TMS320C6202B Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202B TI1-TMS320C6202B Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202BGDP167 TI-TMS320C6202BGDP167 Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202BGFN100 TI-TMS320C6202BGFN100 Datasheet
1Mb / 70P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6202BGFN167 TI-TMS320C6202BGFN167 Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMS320C6202B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414 TI-TMS320C6414_04 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com