Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR21B1424IV64TR-F Datasheet(PDF) 8 Page - Exar Corporation

Part # XR21B1424IV64TR-F
Description  Enhanced 4-Ch Full-Speed USB UART
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR21B1424IV64TR-F Datasheet(HTML) 8 Page - Exar Corporation

Back Button XR21B1424IV64TR-F Datasheet HTML 4Page - Exar Corporation XR21B1424IV64TR-F Datasheet HTML 5Page - Exar Corporation XR21B1424IV64TR-F Datasheet HTML 6Page - Exar Corporation XR21B1424IV64TR-F Datasheet HTML 7Page - Exar Corporation XR21B1424IV64TR-F Datasheet HTML 8Page - Exar Corporation XR21B1424IV64TR-F Datasheet HTML 9Page - Exar Corporation XR21B1424IV64TR-F Datasheet HTML 10Page - Exar Corporation XR21B1424IV64TR-F Datasheet HTML 11Page - Exar Corporation XR21B1424IV64TR-F Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
XR21B1424
8 / 64
exar.com/XR21B1424
Rev 1C
Type: I = Input, O = Output, I/O = Input/Output, PWR = Power, OD = Open-Drain
56
GPIOD3/DTRD#
I/O
General purpose I/O, or UART Data-Terminal-Ready push-pull output (active low). Defaults to
GPIO input with internal pull-up resistor. See “Automatic DTR/DSR Hardware Flow Control” on
page 17.
57
GPIOD2/DSRD#
I/O
General purpose I/O, or UART Data-Set-Ready input (active low). Defaults to GPIO input with
internal pull-up resistor. See “Automatic DTR/DSR Hardware Flow Control” on page 17.
58
GPIOD1/CDD#
I/O
General purpose I/O, or UART Carrier-Detect input (active low). Defaults to GPIO input with
internal pull-up resistor.
59
GPIOD0/RID#/RWKD#
I/O
General purpose I/O, or UART Ring-Indicator input (active low), or Remote Wakeup input.
Defaults to GPIO input with internal pull-up resistor. Wakeup signaling to the USB host is sent
when a falling edge is detected. See “Remote Wakeup” on page 10.
60
GPIOA9/RXTA
I/O
General purpose I/O, or UART receive data indicator. Defaults to GPIO input with internal pull-
up resistor. See “TXT and RXT Pins” on page 19. When configured as receive indicator, this
pin will toggle at ~10Hz intervals while the UART is receiving data.
61
GPIOA8/TXTA
I/O
General purpose I/O, or UART transmit data indicator. Defaults to GPIO input with internal pull-
up resistor. See “TXT and RXT Pins” on page 19. When configured as transmit indicator, this
pin will toggle at ~10Hz intervals while the UART is transmitting data.
62
GPIOA7/RS485A
I/O
General purpose I/O, or auto RS-485 half-duplex control. Defaults to GPIO input with internal
pull-up resistor. See “Multidrop mode with address matching” on page 18.
63
GPIOA6/CLKA
I/O
General purpose I/O, or clock or pulse output. Defaults to GPIO input with internal pull-up
resistor. See “Programmable Output Clock” on page 16.
64
TXA
O
UART Transmit Data.
Pin No.
Pin Name
Type
Description


Similar Part No. - XR21B1424IV64TR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR21B1424IV64TR-F EXAR-XR21B1424IV64TR-F Datasheet
512Kb / 61P
   Enhanced 4-Ch Full-Speed USB UART
More results

Similar Description - XR21B1424IV64TR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR21B1424 EXAR-XR21B1424 Datasheet
512Kb / 61P
   Enhanced 4-Ch Full-Speed USB UART
XR21B1422 EXAR-XR21B1422 Datasheet
517Kb / 60P
   Enhanced 2-Ch Full-Speed USB UART
XR21B1411 EXAR-XR21B1411_17 Datasheet
2Mb / 32P
   ENHANCED 1-CH FULL-SPEED USB UART
XR21B1420IL28-0A EXAR-XR21B1420IL28-0A Datasheet
522Kb / 60P
   Enhanced 1-Ch Full-Speed USB UART
XR21B1411IL-0A-EB EXAR-XR21B1411IL-0A-EB Datasheet
796Kb / 30P
   ENHANCED 1-CH FULL-SPEED USB UART
XR21B1422IL40-0A EXAR-XR21B1422IL40-0A Datasheet
517Kb / 60P
   Enhanced 2-Ch Full-Speed USB UART
XR21B1420 EXAR-XR21B1420 Datasheet
522Kb / 60P
   Enhanced 1-Ch Full-Speed USB UART
XR21V1414 EXAR-XR21V1414_10 Datasheet
306Kb / 32P
   4-CH FULL-SPEED USB UART
XR21V1414 EXAR-XR21V1414 Datasheet
685Kb / 26P
   4-CH FULL-SPEED USB UART
XR21V1414IM-0B-EB EXAR-XR21V1414IM-0B-EB Datasheet
400Kb / 34P
   4-CH FULL-SPEED USB UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com