Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR22414CL48TR-F Datasheet(PDF) 1 Page - Exar Corporation

Part # XR22414CL48TR-F
Description  USB 2.0 4-Port MTT Hub
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR22414CL48TR-F Datasheet(HTML) 1 Page - Exar Corporation

  XR22414CL48TR-F Datasheet HTML 1Page - Exar Corporation XR22414CL48TR-F Datasheet HTML 2Page - Exar Corporation XR22414CL48TR-F Datasheet HTML 3Page - Exar Corporation XR22414CL48TR-F Datasheet HTML 4Page - Exar Corporation XR22414CL48TR-F Datasheet HTML 5Page - Exar Corporation XR22414CL48TR-F Datasheet HTML 6Page - Exar Corporation XR22414CL48TR-F Datasheet HTML 7Page - Exar Corporation XR22414CL48TR-F Datasheet HTML 8Page - Exar Corporation XR22414CL48TR-F Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
USB 2.0 4-Port MTT Hub
XR
22414
1/13
REV1A
FEATURES
USB 2.0 compliant interface
Multiple transaction translators (MTT)
Regulated +3.3V Output Power
Individual port and hub activity LED
indicators
Individual or ganged port power enables
Individual or global overcurrent sensing
Single 5V or 3.3V power supply
Single 12MHz Crystal
48-pin QFN and LQFP package options
APPLICATIONS
USB port expansion
POS Terminals
Test Instrumentation
Factory Automation and Process Controls
Industrial Applications
General Description
The XR22414 is a USB 2.0 4-port hub using multiple transaction
translators (MTT) for highest possible bandwidth capability.
The upstream USB interface has an integrated USB 2.0 PHY and
device controller that is compliant with both Hi-Speed (480Mbps) and
Full-Speed (12Mbps) and downstream PHY supporting Hi-Speed,
Full-Speed and Low-Speed (1.5Mbps) on each of the 4 downstream
ports.
The XR22414 provides two power modes, ganged or individual power
control as well as global or individual over-current sensing modes.
The XR22414 operates from a single 5V or 3.3V power input. When
powered by 5V, internal regulators provide a 3.3V output which may
be connected to VCC33 power input pins as well as external circuitry.
In turn a second internal regulator provides a 1.8V output from the
3.3V input. This 1.8V output may be connected to VCC18 power input
pins. Individual port activity and overall hub activity indicators provide
status outputs for external LEDs.
Block Diagram
Ordering Information - Back Page
XR22414
USB Host
Device #1
Device #2
Device #3
Device #4
Upstream Phy
Hub Controller
Downstream
Phy #1
Downstream
Phy #2
Downstream
Phy #3
Downstream
Phy #4
TT #1
Port Routing Switch
TT #2
TT #3
TT #4


Similar Part No. - XR22414CL48TR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR22417 EXAR-XR22417 Datasheet
795Kb / 17P
   USB 2.0 7-Port Hub
XR22417CV48-F EXAR-XR22417CV48-F Datasheet
795Kb / 17P
   USB 2.0 7-Port Hub
XR22417CV48EVB EXAR-XR22417CV48EVB Datasheet
795Kb / 17P
   USB 2.0 7-Port Hub
XR22417CV48TR-F EXAR-XR22417CV48TR-F Datasheet
795Kb / 17P
   USB 2.0 7-Port Hub
XR22417CV64-F EXAR-XR22417CV64-F Datasheet
795Kb / 17P
   USB 2.0 7-Port Hub
More results

Similar Description - XR22414CL48TR-F

ManufacturerPart #DatasheetDescription
logo
GENESYS LOGIC
GL852 GENESYS-GL852 Datasheet
498Kb / 31P
   USB 2.0 MTT HUB Controller
logo
IOGEAR
GUH285W6 IOGEAR-GUH285W6 Datasheet
143Kb / 3P
   4-Port USB 2.0 Hub
logo
Exar Corporation
XR22404 EXAR-XR22404 Datasheet
465Kb / 14P
   USB 2.0 4-Port Hub
logo
List of Unclassifed Man...
GL850 ETC-GL850 Datasheet
382Kb / 40P
   USB 2.0 4-PORT HUB Controller
logo
SMSC Corporation
USB20H04 SMSC-USB20H04 Datasheet
762Kb / 35P
   4-PORT USB 2.0 HUB CONTROLLER
logo
GENESYS LOGIC
GL3520 GENESYS-GL3520 Datasheet
275Kb / 1P
   USB 3.0 MTT Hub Controller
logo
Microchip Technology
USB2504 MICROCHIP-USB2504 Datasheet
446Kb / 42P
   Integrated USB 2.0 Compatible 4-Port Hub
06/23/16
logo
SMSC Corporation
USB2504 SMSC-USB2504_07 Datasheet
596Kb / 46P
   Integrated USB 2.0 Compatible 4-Port Hub
logo
Tripp Lite. All Rights ...
U225004R TRIPPLITE-U225004R Datasheet
512Kb / 2P
   4-Port USB 2.0 Hi-Speed Hub
logo
SMSC Corporation
USB2504 SMSC-USB2504_06 Datasheet
781Kb / 46P
   Integrated USB 2.0 Compatible 4-Port Hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com