Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDR-100-24 Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # HDR-100-24
Description  85 ~ 100W Ultra Slim Step Shape DIN Rail
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HDR-100-24 Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  HDR-100-24 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HDR-100-24 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HDR-100-24 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HDR-100-24 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Mechanical Specification
70
58.4
54.5
1
2
3 4 5 6
(Unit: mm , tolerance ± 0.5mm)
Installation Manual
Please refer to : http://www.meanwell.com/manual.html
Terminal Pin No. Assignment
Pin No.
Pin No.
1
Assignment
Assignment
AC/N
AC/L
ADMISSIBLE DIN-RAIL:TS35/7.5 OR TS35/15
+V
-V
2
3,4
5,6
85 ~ 100W Ultra Slim Step Shape DIN Rail
70
1
2
3 4 5 6
H D R - 1 0 0 series
File Name:HDR-100-SPEC 2017-06-22


Similar Part No. - HDR-100-24

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
HDR-142117-XX SAMTEC-HDR-142117-XX Datasheet
298Kb / 2P
   THIS PRODUCT MANUFACTURED WITH LEAD-FREE PROCESSING
HDR-142118-01 SAMTEC-HDR-142118-01 Datasheet
1Mb / 2P
   THIS PRODUCT MANUFACTURED WITH LEAD-FREE PROCESSING
HDR-142120-01 SAMTEC-HDR-142120-01 Datasheet
1Mb / 3P
   THIS PRODUCT MANUFACTURED WITH LEAD-FREE PROCESSING
logo
Mean Well Enterprises C...
HDR-15 MEANWELL-HDR-15 Datasheet
631Kb / 4P
   ULTRA SLIM DESIGN WITH 17.5MM(1SU) WIDTH
HDR-15-12 MEANWELL-HDR-15-12 Datasheet
631Kb / 4P
   ULTRA SLIM DESIGN WITH 17.5MM(1SU) WIDTH
More results

Similar Description - HDR-100-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HDR-150 MEANWELL-HDR-150 Datasheet
920Kb / 4P
   150W Ultra Slim Step Shape DIN Rail
logo
Altech corporation
PS-100 ALTECH-PS-100 Datasheet
513Kb / 2P
   100W Single Output Industrial DIN Rail Power Supply
PS-S100 ALTECH-PS-S100 Datasheet
712Kb / 2P
   100W Single Output Industrial DIN Rail Power Supply
logo
Mean Well Enterprises C...
DR-100 MEANWELL-DR-100 Datasheet
245Kb / 2P
   100W Single Output Industrial DIN Rail Power Supply
DR-100 MEANWELL-DR-100_11 Datasheet
348Kb / 2P
   100W Single Output Industrial DIN Rail Power Supply
DR-100 MEANWELL-DR-100_10 Datasheet
348Kb / 2P
   100W Single Output Industrial DIN Rail Power Supply
logo
Total Power Internation...
DR-100 TOTAL-POWER-DR-100 Datasheet
439Kb / 2P
   100W Single Output Industrial DIN Rail Power Supply
logo
Delta Electronics, Inc.
DRP012V100W1AA DELTA-DRP012V100W1AA Datasheet
1Mb / 2P
   CliQ Din Rail Power Supply 12V 100W 1 Phase
logo
RSG Electronic Componen...
DPP25-5 RSG-DPP25-5 Datasheet
231Kb / 3P
   15-100W, 5-48V Output DIN Rail Mount Power Supplies
logo
List of Unclassifed Man...
DRB15-100 ETC2-DRB15-100 Datasheet
469Kb / 2P
   15-100W, 5-48V Output DIN Rail Mount Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com