Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP483 Datasheet(PDF) 6 Page - Exar Corporation

Part # SP483
Description  Low Power Half-Duplex RS-485 Transceivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP483 Datasheet(HTML) 6 Page - Exar Corporation

Back Button SP483_17 Datasheet HTML 2Page - Exar Corporation SP483_17 Datasheet HTML 3Page - Exar Corporation SP483_17 Datasheet HTML 4Page - Exar Corporation SP483_17 Datasheet HTML 5Page - Exar Corporation SP483_17 Datasheet HTML 6Page - Exar Corporation SP483_17 Datasheet HTML 7Page - Exar Corporation SP483_17 Datasheet HTML 8Page - Exar Corporation SP483_17 Datasheet HTML 9Page - Exar Corporation SP483_17 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
5
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP483_SP485_0_0627
PARAMETERS
MIN.
TYP.
MAX.
UNITS CONDITIONS
SP483 DRIVER
AC Characteristics
Maximum Date Rate
250
kbps
Driver Input to Output, t
PLH
250
800
2000
ns
t
PLH; RDIFF = 54Ω, CL = CL2 = 00pF,
see figures 3 and 5
Driver Input to Output, t
PHL
250
800
2000
ns
t
PHL; RDIFF = 54Ω, CL = CL2 = 00pF,
see figures 3 and 5
Driver Skew
00
800
ns
see figures 3 and 5,
t
SKEW = |tDPHL - tDPLH|
Driver Rise or Fall Time
250
2000
ns
From 0%-90%; R
DIFF = 54Ω
C
L = CL2 = 00pF; see Figures 3
and 5
Driver Enable to Output High
250
2000
ns
C
L = 100pF, see figures 4 and 6,
S
2 closed
Driver Enable to Output Low
250
2000
ns
C
L = 100pF, see figures 4 and 6,
S
 closed
Driver Disable Time from High
300
3000
ns
C
L = 15pF, see figures 4 and 6,
S
2 closed
Driver Disable Time from Low
300
3000
ns
C
L = 15pF, see figures 4 and 6,
S
 closed
SP483 RECEIVER
AC Characteristics
Maximum Data Rate
250
kbps
Receiver Input to Output
250
2000
ns
t
PLH, tPHL; Figures 3 and 7:
R
DIFF = 54Ω, CL = CL2 = 00pF
Differential Receiver Skew
|t
PHL - tPLH|
00
ns
R
DIFF = 54Ω, CL = CL2 = 00pF,
see Figures 3 and 7
Receiver Enable to Output Low
20
50
ns
C
RL = 5pF, Figures 2 and 8;
S
 Closed
Receiver Enable to Output High
20
50
ns
C
RL = 5pF, Figures 2 and 8;
S
2 Closed
Receiver Disable from LOW
20
50
ns
C
RL = 5pF, Figures 2 and 8;
S
 Closed
Receiver Disable from High
20
50
ns
C
RL = 5pF, Figures 2 and 8;
S
2 Closed
SP483
Shutdown Timing
Time to Shutdown
50
200
600
ns
RE = 5V, DE = 0V
Driver Enable from Shutdown
to Output High
2000
ns
C
L = 00pF; See Figures 4 and 6;
S
2 Closed
Driver Enable from Shutdown
to Output Low
2000
ns
C
L = 00pF; See Figures 4 and 6;
S
 Closed
Receiver Enable from
Shutdown to Output High
2500
ns
C
L = 5pF; See Figures 4 and 6;
S
2 Closed
Receiver Enable from
Shutdown to Output Low
2500
ns
C
L = 5pF; See Figures 4 and 6;
S
 Closed
T
MIN to TMAX and VCC = 5V +/-5% unless otherwise noted.
ELECTRICAL CHARACTERISTICS


Similar Part No. - SP483_17

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP483CN SIPEX-SP483CN Datasheet
100Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
SP483CN SIPEX-SP483CN Datasheet
78Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
SP483CN SIPEX-SP483CN Datasheet
168Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
SP483CN/TR SIPEX-SP483CN/TR Datasheet
168Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
SP483CS SIPEX-SP483CS Datasheet
100Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
More results

Similar Description - SP483_17

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP481 SIPEX-SP481 Datasheet
100Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
SP481 SIPEX-SP481 Datasheet
78Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
logo
Exar Corporation
SP485EN-L EXAR-SP485EN-L Datasheet
564Kb / 11P
   Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP481 SIPEX-SP481_04 Datasheet
168Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
SP481E SIPEX-SP481E Datasheet
519Kb / 11P
   Enhanced Low Power Half-Duplex RS-485 Transceivers
logo
Exar Corporation
SP481E EXAR-SP481E Datasheet
618Kb / 12P
   Enhanced Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP481E SIPEX-SP481E_07 Datasheet
712Kb / 11P
   Enhanced Low Power Half-Duplex RS-485 Transceivers
SP481E SIPEX-SP481E Datasheet
100Kb / 11P
   Enhanced Low Power Half-Duplex RS-485 Transceivers
logo
Exar Corporation
SP1481E EXAR-SP1481E Datasheet
576Kb / 10P
   Enhanced Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP1485E SIPEX-SP1485E Datasheet
78Kb / 11P
   Enhanced Low Power Half-Duplex RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com