Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP5.241-S1 Datasheet(PDF) 2 Page - PULS GmbH

Part # CP5.241-S1
Description  24V, 5A, 120W, SINGLE PHASE INPUT
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP5.241-S1 Datasheet(HTML) 2 Page - PULS GmbH

  CP5.241-S1 Datasheet HTML 1Page - PULS GmbH CP5.241-S1 Datasheet HTML 2Page - PULS GmbH CP5.241-S1 Datasheet HTML 3Page - PULS GmbH CP5.241-S1 Datasheet HTML 4Page - PULS GmbH CP5.241-S1 Datasheet HTML 5Page - PULS GmbH CP5.241-S1 Datasheet HTML 6Page - PULS GmbH CP5.241-S1 Datasheet HTML 7Page - PULS GmbH CP5.241-S1 Datasheet HTML 8Page - PULS GmbH CP5.241-S1 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
CP5.241, CP5.241-C1,
CP5.241-S1, CP5.241-S2
CP-Series
24V, 5A, 120W, SINGLE PHASE INPUT
Aug. 2017 / Rev. 0.1 DS-CP5.241-EN
All parameters are typical values specified at 24V, 5A output, 230Vac input, 25°C ambient and
after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
P R E L I M I N A R Y
INDEX
Page
Page
1.
Intended Use .......................................................3
2.
Installation Requirements...................................3
3.
AC-Input...............................................................4
4.
DC-Input...............................................................5
5.
Input Inrush Current ...........................................5
6.
Output .................................................................6
7.
Hold-up Time.......................................................8
8.
DC-OK Relay Contact ..........................................8
9.
Efficiency and Power Losses................................9
10. Lifetime Expectancy ..........................................10
11. MTBF ..................................................................10
12. Functional Diagram...........................................11
13. Terminals and Wiring........................................11
14. Front Side and User Elements...........................13
15. EMC....................................................................14
16. Environment ......................................................15
17. Protection Features ...........................................16
18. Safety Features ..................................................16
19. Dielectric Strength ............................................17
20. Approvals...........................................................18
21. RoHS, REACH and Other Fulfilled Standards ...18
22. Physical Dimensions and Weight ..................... 19
23. Accessories ........................................................ 20
23.1. YR2.DIODE - Redundancy Module...........20
23.2. YR20.242 - Redundancy Module..............20
23.3. YR20.246 - Redundancy Module with
Automated Load Sharing ....................................20
23.4. UF20.241 Buffer Module ..........................21
23.5. ZM6.WALL – Wall/Panel Mount Bracket .21
24. Application Notes............................................. 22
24.1. Peak Current Capability ...........................22
24.2. Back-feeding Loads ..................................22
24.3. External Input Protection.........................22
24.4. Parallel Use to Increase Output Power....22
24.5. Parallel Use for Redundancy ....................23
24.6. Series Operation .......................................24
24.7. Inductive and Capacitive Loads................24
24.8. Charging of Batteries ...............................24
24.9. Operation on Two Phases ........................25
24.10. Use in a Tightly Sealed Enclosure ............25
24.11. Mounting Orientations ............................26
The information given in this document is correct to the best of our knowledge and experience at the time of
publication. If not expressly agreed otherwise, this information does not represent a warranty in the legal sense of the
word. As the state of our knowledge and experience is constantly changing, the information in this data sheet is
subject to revision. We therefore kindly ask you to always use the latest issue of this document (available under
www.pulspower.com). No part of this document may be reproduced or utilized in any form without our prior
permission in writing.
TERMINOLOGY AND ABREVIATIONS
PE and
symbol
PE is the abbreviation for Protective Earth and has the same meaning as the symbol
.
Earth, Ground
This document uses the term “earth” which is the same as the U.S. term “ground”.
T.b.d.
To be defined, value or description will follow later.
AC 230V
A figure displayed with the AC or DC before the value represents a nominal voltage with
standard tolerances (usually ±15%) included.
E.g.: DC 12V describes a 12V battery disregarding whether it is full (13.7V) or flat (10V)
230Vac
A figure with the unit (Vac) at the end is a momentary figure without any additional
tolerances included.
50Hz vs. 60Hz
As long as not otherwise stated, AC 230V parameters are valid at 50Hz mains frequency.
may
A key word indicating flexibility of choice with no implied preference.
shall
A key word indicating a mandatory requirement.
should
A key word indicating flexibility of choice with a strongly preferred implementation.
2/26


Similar Part No. - CP5.241-S1

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CP5.241-S1 PULS-CP5.241-S1 Datasheet
905Kb / 28P
   24V, 5A, 120W, SINGLE PHASE INPUT
More results

Similar Description - CP5.241-S1

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CP5.241 PULS-CP5.241_18 Datasheet
905Kb / 28P
   24V, 5A, 120W, SINGLE PHASE INPUT
PIC120.241D PULS-PIC120.241D Datasheet
515Kb / 22P
   24V, 5A, SINGLE PHASE INPUT
QS5.241 PULS-QS5.241 Datasheet
838Kb / 26P
   24V, 5A, SINGLE PHASE INPUT
PIC120.241C PULS-PIC120.241C Datasheet
544Kb / 22P
   24V, 5A, SINGLE PHASE INPUT
logo
Weidmuller
2838440000 WEIDMULLER-2838440000 Datasheet
737Kb / 5P
   PRO BAS 120W 24V 5A
logo
PULS GmbH
CT5.241 PULS-CT5.241 Datasheet
595Kb / 21P
   24V, 5A, TWO-PHASE INPUT
logo
Weidmuller
8951340000 WEIDMULLER-8951340000 Datasheet
99Kb / 4P
   CP M SNT 120W 24V 5A
logo
PULS GmbH
QS3.241 PULS-QS3.241 Datasheet
793Kb / 25P
   24V, 3.4A, SINGLE PHASE INPUT
CP10.241-M1 PULS-CP10.241-M1 Datasheet
704Kb / 27P
   24V, 10A, SINGLE PHASE INPUT
CP20.241-R1 PULS-CP20.241-R1 Datasheet
827Kb / 30P
   24V, 20A, SINGLE PHASE INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com