Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD10.241 Datasheet(PDF) 3 Page - PULS GmbH

Part # CD10.241
Description  DC/DC Converter 24V/24V, 10A, 240W
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CD10.241 Datasheet(HTML) 3 Page - PULS GmbH

  CD10.241 Datasheet HTML 1Page - PULS GmbH CD10.241 Datasheet HTML 2Page - PULS GmbH CD10.241 Datasheet HTML 3Page - PULS GmbH CD10.241 Datasheet HTML 4Page - PULS GmbH CD10.241 Datasheet HTML 5Page - PULS GmbH CD10.241 Datasheet HTML 6Page - PULS GmbH CD10.241 Datasheet HTML 7Page - PULS GmbH CD10.241 Datasheet HTML 8Page - PULS GmbH CD10.241 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
CD10.241
CD-Series
DC/DC Converter 24V/24V, 10A, 240W
1. INTENDED USE
This device is designed for installation in an enclosure and is intended for the general use such as in industrial control,
office, communication, and instrumentation equipment.
Do not use this device in equipment where malfunction may cause severe personal injury or threaten human life.
2. INSTALLATION REQUIREMENTS
This device may only be installed and put into operation by qualified personnel.
This device does not contain serviceable parts. The tripping of an internal fuse is caused by an internal defect.
If damage or malfunction should occur during installation or operation, immediately turn power off and send unit to
the factory for inspection.
Mount the unit on a DIN-rail so that the output terminals are located on top and input terminal on the bottom. For
other mounting orientations see de-rating requirements in this document.
This device is designed for convection cooling and does not require an external fan. Do not obstruct airflow and do
not cover ventilation grid (e.g. cable conduits) by more than 30%!
Keep the following installation clearances: 40mm on top, 20mm on the bottom, 5mm on the left and right sides are
recommended when the device is loaded permanently with more than 50% of the rated power. Increase this clearance
to 15mm in case the adjacent device is a heat source (e.g. another DC/DC converter).
The input must be powered from a SELV source (according to IEC 60950-1), a PELV source (according to IEC 62477-1) or
an Isolated Secondary Circuit (according to UL 508).
WARNING
Risk of electrical shock, fire, personal injury or death.
- Turn power off before working on the device. Protect against inadvertent re-powering.
- Make sure that the wiring is correct by following all local and national codes.
- Do not modify or repair the unit.
- Do not open the unit as high voltages may present inside.
- Use caution to prevent any foreign objects from entering the housing.
- Do not use in wet locations or in areas where moisture or condensation can be expected.
- Do not touch during power-on, and immediately after power-off. Hot surface may cause burns.
Jul. 2017 / Rev. 1.1 DS-CD10.241-EN
All parameters are typical values at 24V, 10A, 24Vdc input voltage, 25°C ambient and
after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
3/25


Similar Part No. - CD10.241

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CD10 ETC1-CD10 Datasheet
67Kb / 4P
   Mica Capacitors, Standard Dipped
logo
Cornell Dubilier Electr...
CD10 CDE-CD10 Datasheet
526Kb / 7P
   Mica Capacitors, Standard Dipped
logo
Marki Microwave
CD10-0106 MARKIMICROWAVE-CD10-0106 Datasheet
218Kb / 3P
   DUAL DIRECTIONAL COUPLER
CD10-0114 MARKIMICROWAVE-CD10-0114 Datasheet
218Kb / 3P
   DUAL DIRECTIONAL COUPLER
logo
TDK Electronics
CD10-E2GA152MYGSA TDK-CD10-E2GA152MYGSA Datasheet
73Kb / 3P
   Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
More results

Similar Description - CD10.241

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CP10.241-R1 PULS-CP10.241-R1 Datasheet
893Kb / 31P
   24V, 10A, 240W, SINGLE PHASE
logo
Weidmuller
2838460000 WEIDMULLER-2838460000 Datasheet
734Kb / 5P
   PRO BAS 240W 24V 10A
logo
PULS GmbH
QS10.241-60 PULS-QS10.241-60 Datasheet
765Kb / 27P
   24V, 200W, DC/DC CONVERTER
CP10.241-60 PULS-CP10.241-60 Datasheet
787Kb / 27P
   24V, 200W, DC/DC CONVERTER
QS5.241-60 PULS-QS5.241-60 Datasheet
798Kb / 27P
   24V, 100W, DC/DC CONVERTER
CP10.241 PULS-CP10.241_17 Datasheet
955Kb / 30P
   24V, 10A, 240W, SINGLE PHASE INPUT
CP10E242 PULS-CP10E242 Datasheet
954Kb / 30P
   24V, 10A, 240W, SINGLE PHASE INPUT
logo
TiMOTION Technology Co....
TA32 TIMOTION-TA32 Datasheet
544Kb / 6P
   Voltage of motor 24V DC, 24V DC (PTC)
20170718-B
logo
Anpec Electronics Corop...
APW8835 ANPEC-APW8835 Datasheet
227Kb / 14P
   24V, 3A DC-DC Synchronous Buck Converter
logo
Vicor Corporation
V24A5E200BL2 VICOR-V24A5E200BL2 Datasheet
591Kb / 13P
   24V Input Maxi Family DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com