Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R13478 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # R13478
Description  PHOTOMULTIPLIER TUBES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R13478 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  R13478 Datasheet HTML 1Page - Hamamatsu Corporation R13478 Datasheet HTML 2Page - Hamamatsu Corporation R13478 Datasheet HTML 3Page - Hamamatsu Corporation R13478 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TPMHA0620EB
TPMHA0621EB
G R13449
G R13408
Anode characteristics
Type No.
(A/lm)
Typ.
Luminous
Dark current
(After 30 min)
Gain
Typ.
(nA)
(A/W)
Typ.
Typ.
Typ.
(nA)
Max.
Time response
Pulse linearity
(ns)
Rise
time
(ns)
Transit
time
(mA)
±2 %
deviation
(mA)
±5 %
deviation
R13478
R13449
R13408
R13089
50
50
50
30
5.3
× 105
5.3
× 105
5.3
× 105
3.2
× 105
3
3
3
10
30
30
30
50
0.9
0.9
1.2
2.0
25
30
50
60
9.1
10
13
20
10
10
20
30
(ps)
T.T.S.
(Transit Time
Spread)
(FWHM)
130
170
190
230
Radiant
(
°C)
Storage
temperature
Typ.
4.2
× 104
4.2
× 104
4.2
× 104
2.5
× 104
-80 to +50
-80 to +50
-80 to +50
-80 to +50
(
°C)
Operating
ambient
temperature
-30 to +50
-30 to +50
-30 to +50
-30 to +50
DY5
DY1
DY3
DY7
Acc
P
DY8
DY6
DY4
DY2
G
9
10
11
12
13
15
K
DY1
DY3
IC
DY5
DY7
P
IC
IC Acc
IC
IC
IC
K
11 12
13
14
DY8
DY6
IC
DY4
DY2
IC
G
BTemporary base
7
6
5
4
2
3
15
16
17
18
19
20
2
3
4
5
6
7
8
9 10
1
AGlass base
25 MIN.
28.7
± 0.5
51.2
± 0.5
20 PIN BASE
JEDEC
No. B20-102
SEMIFLEXIBLE
LEADS
FACEPLATE
PHOTOCATHODE
A
B
24°
(19.05)
412
13
2
3
5
11
6
10
8
9
16
DY1
DY3
DY5
DY7
P
Acc
DY6
DY8
DY4
DY2
G
K
BTemporary base
AGlass base
DY1
DY3
IC
DY5
DY7
P
IC
IC Acc
IC
IC
IC
K
11 12
13
14
DY8
DY6
IC
DY4
DY2
IC
G
15
16
17
18
19
20
2
3
4
5
6
7
8
9 10
1
34 MIN.
38
± 1
PHOTOCATHODE
FACEPLATE
SEMIFLEXIBLE
LEADS
51.2
± 0.5
20 PIN BASE
JEDEC
No. B20-102
A
B
(23)
22.5°


Similar Part No. - R13478

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R13478 HAMAMATSU-R13478 Datasheet
237Kb / 4P
   Fast time response, Suitable for mass production
More results

Similar Description - R13478

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R6427 HAMAMATSU-R6427 Datasheet
63Kb / 4P
   PHOTOMULTIPLIER TUBES
R1463 HAMAMATSU-R1463 Datasheet
45Kb / 4P
   PHOTOMULTIPLIER TUBES
R2693 HAMAMATSU-R2693_07 Datasheet
162Kb / 4P
   PHOTOMULTIPLIER TUBES
R4220 HAMAMATSU-R4220_15 Datasheet
225Kb / 4P
   PHOTOMULTIPLIER TUBES
R2083 HAMAMATSU-R2083_15 Datasheet
44Kb / 2P
   PHOTOMULTIPLIER TUBES
R8486 HAMAMATSU-R8486_15 Datasheet
225Kb / 4P
   PHOTOMULTIPLIER TUBES
R8486 HAMAMATSU-R8486_03 Datasheet
141Kb / 4P
   PHOTOMULTIPLIER TUBES
R3788 HAMAMATSU-R3788_06 Datasheet
178Kb / 4P
   PHOTOMULTIPLIER TUBES
R1307 HAMAMATSU-R1307 Datasheet
32Kb / 4P
   PHOTOMULTIPLIER TUBES
R2658 HAMAMATSU-R2658 Datasheet
105Kb / 4P
   PHOTOMULTIPLIER TUBES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com