Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R13456 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # R13456
Description  PHOTOMULTIPLIER TUBE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R13456 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  R13456 Datasheet HTML 1Page - Hamamatsu Corporation R13456 Datasheet HTML 2Page - Hamamatsu Corporation R13456 Datasheet HTML 3Page - Hamamatsu Corporation R13456 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PHOTOMULTIPLIER TUBE
R13456
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are
subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2017 Hamamatsu Photonics K.K.
Subject to local technical requirements and regulations, availability of products included in this promotional material may vary. Please consult with our sales office.
GENERAL
Figure 1: Typical spectral response
TPMSB0261EA
SPECIFICATIONS
FEATURES
GHigh sensitivity
Radiant at 900 nm...................................
Quantum efficiency at 900 nm .......................
GWide spectral response ..........................
GPin compatible with conventional 1-1/8" side-on PMTs
APPLICATIONS
7.3 mA/W (Typ.)
1 % (Typ.)
185 nm to 980 nm
Parameter
Description / Value
Unit
Spectral response
Wavelength of maximum response
Photocathode
Window material
Dynode
Direct interelectrode
capacitances
Base
Weight
Operating ambient temperature
Storage temperature
SuitabIe socket
SuitabIe socket assembly
185 to 980
400
Multialkali
8
× 24
UV glass
Circular-cage
9
4
6
11-pin base JEDEC No. B11-88
Approx. 45
-30 to +50
-30 to +50
E678–11A (Sold separately)
E717–63 (Sold separately)
E717–74 (Sold separately)
nm
nm
mm
pF
pF
g
°C
°C
MateriaI
Minimum effective area
Structure
Number of stages
Anode to last dynode
Anode to all other electrodes
GBiomedical analysis
Blood analyzer, Flow cytometer, DNA sequencer
GEnvironmental monitoring
NOx analyzer
GSpectroscopy
Fluorescence spectrometer, Raman spectrometer,
UV–VIS-NIR spectrometer
GMicroscopy
WAVELENGTH (nm)
100
10
1
0.1
0.01
100 200
300
400
500
600
700 800 900 1000
R13456
R928
CATHODE RADIANT SENSITIVITY
QUANTUM EFFICIENCY


Similar Part No. - R13456

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R13408 HAMAMATSU-R13408 Datasheet
237Kb / 4P
   Fast time response, Suitable for mass production
logo
celduc-relais
R1343L00 CELDUC-R1343L00 Datasheet
157Kb / 2P
   HIGH VOLTAGE REED RELAY/ DRY CONTACT
R1343L13 CELDUC-R1343L13 Datasheet
157Kb / 2P
   HIGH VOLTAGE REED RELAY/ DRY CONTACT
R1343L85 CELDUC-R1343L85 Datasheet
157Kb / 2P
   HIGH VOLTAGE REED RELAY/ DRY CONTACT
R1343L87 CELDUC-R1343L87 Datasheet
157Kb / 2P
   HIGH VOLTAGE REED RELAY/ DRY CONTACT
More results

Similar Description - R13456

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R1477-06 HAMAMATSU-R1477-06 Datasheet
76Kb / 4P
   PHOTOMULTIPLIER TUBE
R374 HAMAMATSU-R374 Datasheet
28Kb / 2P
   PHOTOMULTIPLIER TUBE
R943-02 HAMAMATSU-R943-02 Datasheet
167Kb / 4P
   PHOTOMULTIPLIER TUBE
R1250 HAMAMATSU-R1250 Datasheet
23Kb / 2P
   PHOTOMULTIPLIER TUBE
R1893 HAMAMATSU-R1893 Datasheet
33Kb / 2P
   PHOTOMULTIPLIER TUBE
R1464 HAMAMATSU-R1464 Datasheet
40Kb / 4P
   PHOTOMULTIPLIER TUBE
R2078 HAMAMATSU-R2078_07 Datasheet
96Kb / 2P
   PHOTOMULTIPLIER TUBE
R9182-01 HAMAMATSU-R9182-01 Datasheet
217Kb / 2P
   PHOTOMULTIPLIER TUBE
R4124 HAMAMATSU-R4124_15 Datasheet
40Kb / 2P
   PHOTOMULTIPLIER TUBE
R3998-02 HAMAMATSU-R3998-02_15 Datasheet
50Kb / 2P
   PHOTOMULTIPLIER TUBE
R3896 HAMAMATSU-R3896_15 Datasheet
215Kb / 4P
   PHOTOMULTIPLIER TUBE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com