Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFH601-3X019 Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. SFH601-3X019
Description  Optocoupler, Phototransistor Output, with Base Connection
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH601-3X019 Datasheet(HTML) 5 Page - Vishay Siliconix

  SFH601-3X019 Datasheet HTML 1Page - Vishay Siliconix SFH601-3X019 Datasheet HTML 2Page - Vishay Siliconix SFH601-3X019 Datasheet HTML 3Page - Vishay Siliconix SFH601-3X019 Datasheet HTML 4Page - Vishay Siliconix SFH601-3X019 Datasheet HTML 5Page - Vishay Siliconix SFH601-3X019 Datasheet HTML 6Page - Vishay Siliconix SFH601-3X019 Datasheet HTML 7Page - Vishay Siliconix SFH601-3X019 Datasheet HTML 8Page - Vishay Siliconix SFH601-3X019 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SFH601
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 23-Jul-15
5
Document Number: 83663
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Current Transfer Ratio vs. Diode Current
Fig. 6 - Current Transfer Ratio vs. Diode Current
Fig. 7 - Current Transfer Ratio vs. Diode Current
Fig. 8 - Current Transfer Ratio vs. Diode Current
Fig. 9 - Transistor Characteristics
Fig. 10 - Output Characteristics
103
5
1
2
3
4
102
100
10-1
101
2
100
55
5
isfh601_05
VCE = 5.0 V)
IC/IF = f (IF)
DC
Pulsbetrieb
Pulse
IF (mA)
103
5
1
2
3
4
102
100
10-1
101 2
100
55
5
isfh601_06
TA = 50 °C, VCE = 5.0 V)
IC/IF = f (IF)
DC
Pulsbetrieb
Pulse
IF (mA)
103
5
1
2
3
4
102
100
10-1
101 2
(mA)
100
55
5
IF
isfh601_07
TA = 75 °C, VCE = 5.0 V)
IC/IF = f (IF)
DC
Pulsbetrieb
Pulse
103
5
102
101
-25
75
25
050 °C
5
isfh601_08
(IF = 10 mA, VCE = 5.0 V)
IC/IF = f (T)
1
2
3
4
DC
Pulsbetrieb
Pulse
TA(°C)
30
10
20
0
015
10
5
VCE
isfh601_09
IB = 10 µA
IB = 20 µA
IB = 40 µA
IB = 30 µA
IB = 2 µA
IB = 5 µA
IC = f (VCE)
(IF = 0)
DC
Pulsbetrieb
Pulse
30
10
20
0
015
10
5
VCE
isfh601_10
IF = ± 14 mA
IF = ± 12 mA
IF = ± 10 mA
IF = ± 6 mA
IF = ± 8 mA
IF = ± 4 mA
IF = ± 2 mA
IF = ± 1 mA
IC = f (VCE)
DC
Pulsbetrieb
Pulse


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn