Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFH601-3 Datasheet(PDF) 8 Page - Vishay Siliconix

Part No. SFH601-3
Description  Optocoupler, Phototransistor Output, with Base Connection
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH601-3 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SFH601-3 Datasheet HTML 2Page - Vishay Siliconix SFH601-3 Datasheet HTML 3Page - Vishay Siliconix SFH601-3 Datasheet HTML 4Page - Vishay Siliconix SFH601-3 Datasheet HTML 5Page - Vishay Siliconix SFH601-3 Datasheet HTML 6Page - Vishay Siliconix SFH601-3 Datasheet HTML 7Page - Vishay Siliconix SFH601-3 Datasheet HTML 8Page - Vishay Siliconix SFH601-3 Datasheet HTML 9Page - Vishay Siliconix SFH601-3 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
SFH601
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 23-Jul-15
8
Document Number: 83663
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE DIMENSIONS in inches (millimeters)
i178004
0.25 typ.
2.95 ± 0.5
3.555 ± 0.255
0.8 min.
7.62 typ.
0.85 ± 0.05
2.54 typ.
1 min.
0.5 ± 0.05
6.4 ± 0.1
8.6 ± 0.1
Pin one ID
6
5
4
1
2
3
18°
3° to 9°
7.62 to 8.81
4° typ.
ISO method A
1.2 ± 0.1
18450-16
0.35
0.25
10.16
10.92
7.8
7.4
10.36
9.96
Option 6
8 min.
7.62 typ.
4.6
4.1
8.4 min.
10.3 max.
0.7
Option 7
2.54
R0.25
1.78
0.76
1.52
8 min.
11.05
8 min.
0.51
1.02
7.62 ref.
9.53
10.03
0.30 typ.
0.102
0.249
15° max.
Option 9
2.54
R0.25
1.78
0.76
1.52
8 min.
11.05


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn