Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFH601-3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part No. SFH601-3
Description  Optocoupler, Phototransistor Output, with Base Connection
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH601-3 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button SFH601-3 Datasheet HTML 2Page - Vishay Siliconix SFH601-3 Datasheet HTML 3Page - Vishay Siliconix SFH601-3 Datasheet HTML 4Page - Vishay Siliconix SFH601-3 Datasheet HTML 5Page - Vishay Siliconix SFH601-3 Datasheet HTML 6Page - Vishay Siliconix SFH601-3 Datasheet HTML 7Page - Vishay Siliconix SFH601-3 Datasheet HTML 8Page - Vishay Siliconix SFH601-3 Datasheet HTML 9Page - Vishay Siliconix SFH601-3 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SFH601
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 23-Jul-15
6
Document Number: 83663
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 11 - Forward Voltage
Fig. 12 - Collector Emitter Off-state Current
Fig. 13 - Saturation Voltage vs. Collector Current and Modulation
Depth SFH601-1
Fig. 14 - Saturation Voltage vs. Collector Current and Modulation
Depth SFH601-2
Fig. 15 - Saturation Voltage vs. Collector Current and Modulation
Depth SFH601-3
Fig. 16 - Saturation Voltage vs. Collector Current and Modulation
Depth SFH601-4
isfh601_11
IF (mA)
25°
50°
75°
1.2
1.1
1.0
0.9
10- 1
100
101
102
100
10-1
10-2
10-3
5
5
5
-25
0
(°C)
25
50
75
100
TA
isfh601_12
VCE = 40 V
VCE = 10 V
ICEO = f (V, T)
(IF = 0)
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
100
101
102
IC (mA)
isfh601_13
IF = 3 x IC
VCEsat = f (IC)
0
1.0
0.8
0.9
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
100
101
102
IC (mA)
isfh601_14
I
F = 2 x IC
I
F = 3 x IC
V
CEsat = f (IC)
1.0
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
100
101
55
102
(mA)
IC
isfh601_15
IF = 2 x IC
IF = 3 x IC
IF = IC
VCEsat = f (IC)
1.0
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
100
101
55
102
isfh601_16
IF = 2 x IC
IF = 3 x IC
IF = IC
VCEsat = f (IC)
(mA)
IC


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn