Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH1617A-3X016 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SFH1617A-3X016
Description  Optocoupler, Phototransistor Output, High Reliability, 5000 VRMS, 110 °C Rated
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH1617A-3X016 Datasheet(HTML) 1 Page - Vishay Siliconix

  SFH1617A-3X016 Datasheet HTML 1Page - Vishay Siliconix SFH1617A-3X016 Datasheet HTML 2Page - Vishay Siliconix SFH1617A-3X016 Datasheet HTML 3Page - Vishay Siliconix SFH1617A-3X016 Datasheet HTML 4Page - Vishay Siliconix SFH1617A-3X016 Datasheet HTML 5Page - Vishay Siliconix SFH1617A-3X016 Datasheet HTML 6Page - Vishay Siliconix SFH1617A-3X016 Datasheet HTML 7Page - Vishay Siliconix SFH1617A-3X016 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SFH1617A
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 10-May-17
1
Document Number: 83552
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Optocoupler, Phototransistor Output, High Reliability,
5000 VRMS, 110 °C Rated
DESCRIPTION
The 110 °C rated SFH1617A (DIP) feature a high current
transfer ratio, low coupling capacitance and high isolation
voltage. These couplers have a GaAs infrared diode emitter,
which is optically coupled to a silicon planar phototransistor
detector, and is incorporated in a plastic DIP-4 package.
The coupling devices are designed for signal transmission
between two electrically separated circuits.
The couplers are end-stackable with 2.54 mm spacing.
Creepage and clearance distances of > 8.0 mm are
achieved with option 6. This version complies with
IEC 60950 (DIN VDE 0805) for reinforced insulation up to an
operation voltage of 400 VRMS or DC. Specifications subject
to change.
FEATURES
• Operating temperature from - 55 °C to + 110 °C
• Good CTR linearity depending on forward
current
• Isolation test voltage, 5000 VRMS
• High collector emitter voltage, VCEO = 70 V
• Low saturation voltage
• Fast switching times
• Low CTR degradation
• Temperature stable
• Low coupling capacitance
• End stackable, 0.100" (2.54 mm) spacing
• High common mode interference immunity
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
•AC adapter
•SMPS
•PLC
• Factory automation
• Game consoles
AGENCY APPROVALS
• UL1577, file no. E52744
• cUL tested to CSA 22.2 bulletin 5A
• DIN EN 60747-5-2 (VDE 0884)/DIN EN 60747-5-5
(pending) available with option 1
• BSI EN 60950; EN 60065
•FIMKO
• CQC (pending)
Note
• Additional options may be possible, please contact sales office
1
2
4
3
E
C
A
C
17918-20
ORDERING INFORMATION
S
F
H
1
617
A
-
#
X
0
#
#
T
PART NUMBER
CTR
BIN
PACKAGE OPTION
TAPE
AND
REEL
AGENCY CERTIFIED/PACKAGE
CTR (%)
UL, cUL, BSI, FIMKO
40 to 80
63 to 125
100 to 200
160 to 320
DIP-4
-
SFH1617A-2
SFH1617A-3
-
VDE, UL, cUL, BSI, FIMKO
40 to 80
63 to 125
100 to 200
160 to 320
DIP-4, 400 mil, option 6
-
-
SFH1617A-3X016
-
SMD-4, option 7
-
SFH617A-2X017T
-
-
7.62 mm
10.16 mm
> 8 mm
Option 7
Option 6
DIP-4


Similar Part No. - SFH1617A-3X016

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH1617A-3X016 VISHAY-SFH1617A-3X016 Datasheet
160Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5000 VRMS, 110 °C Rated
01-Jan-2022
More results

Similar Description - SFH1617A-3X016

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH1617A VISHAY-SFH1617A_V02 Datasheet
161Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5000 VRMS, 110 °C Rated
01-Jan-2023
SFH1617A VISHAY-SFH1617A_V01 Datasheet
160Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5000 VRMS, 110 °C Rated
01-Jan-2022
SFH1617A VISHAY-SFH1617A Datasheet
124Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
Rev. 1.6, 25-Jan-08
SFH617A VISHAY-SFH617A_12 Datasheet
157Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
Rev. 2.2, 12-Oct-12
SFH617A VISHAY-SFH617A_V02 Datasheet
170Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
01-Jan-2023
SFH617A-1X001 VISHAY-SFH617A-1X001 Datasheet
163Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 C Rated
Rev. 2.3, 14-Jan-13
SFH617A VISHAY-SFH617A_07 Datasheet
133Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 째C Rated
Rev. 1.7, 25-Jan-07
SFH617A VISHAY-SFH617A_V01 Datasheet
170Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rateds
01-Jan-2022
VO617A-2X017T VISHAY-VO617A-2X017T Datasheet
189Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.3, 28-Oct-14
SFH6106-2T VISHAY-SFH6106-2T Datasheet
159Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.2, 23-May-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com