Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH620A Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SFH620A
Description  Optocoupler, Phototransistor Output, AC Input
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH620A Datasheet(HTML) 7 Page - Vishay Siliconix

  SFH620A Datasheet HTML 1Page - Vishay Siliconix SFH620A Datasheet HTML 2Page - Vishay Siliconix SFH620A Datasheet HTML 3Page - Vishay Siliconix SFH620A Datasheet HTML 4Page - Vishay Siliconix SFH620A Datasheet HTML 5Page - Vishay Siliconix SFH620A Datasheet HTML 6Page - Vishay Siliconix SFH620A Datasheet HTML 7Page - Vishay Siliconix SFH620A Datasheet HTML 8Page - Vishay Siliconix SFH620A Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SFH620A, SFH6206
www.vishay.com
Vishay Semiconductors
Rev. 2.3, 31-Aug-15
7
Document Number: 83675
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SMD-4, Option 9
PACKAGE MARKING (example)
Notes
• Only options 1 and 7 are reflected in the package marking.
• The VDE logo is only marked on option1 parts.
• Tape and reel suffix (T) is not part of the package marking.
SOLDER PROFILES
Fig. 9 - Wave Soldering Double Wave Profile According to
J-STD-020 for DIP-8 Devices
Fig. 10 - Lead (Pb)-free Reflow Solder Profile According to
J-STD-020 for SMD-8 Devices
8.00 min.
11.05
1.52
R0.25
7.62 typ.
6.60 ± 0.25
10.05 max.
Leads coplanarity
0.1 max.
8.00 min.
0.50 min.
Pin one I.D.
4
3
12
1.27 ± 0.10
2.54 typ.
5.10 max.
4.70 ± 0.15
0.70 min.
YWW H 68
SFH620A-1
V X001
2 K/s
second
wave
first wave
wave
ca. 5 K/s
5 s
full line: typical
dotted line:
process limits
Time (s)
300
250
200
150
100
50
0
050
100
150
200
250
94 8626
Lead temperature
235 °C to
260 °C
100 °C to
130 °C
ca. 200 K/s
forced cooling
ca. 2 K/s
0
50
100
150
200
250
300
0
50
100
150
200
250
300
Time (s)
240 °C
245 °C
max. 260 °C
max. 120 s
max. 100 s
217 °C
max. 30 s
max. ramp up 3 °C/s
max. ramp down 6 °C/s
19841
255 °C


Similar Part No. - SFH620A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH620A SIEMENS-SFH620A Datasheet
93Kb / 3P
   5.3 kV TRIOS OPTOCOUPLER AC VOLTAGE INPUT
logo
Vishay Siliconix
SFH620A VISHAY-SFH620A Datasheet
400Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.6, 01-Dec-05
SFH620A VISHAY-SFH620A Datasheet
167Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2022
SFH620A VISHAY-SFH620A Datasheet
168Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2023
logo
Infineon Technologies A...
SFH620A-1 INFINEON-SFH620A-1 Datasheet
84Kb / 1P
   Optocouplers
May 31, 2000-10
More results

Similar Description - SFH620A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6206-3T VISHAY-SFH6206-3T Datasheet
160Kb / 7P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.9, 23-Feb-11
SFH620A VISHAY-SFH620A_V02 Datasheet
168Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2023
TCET1600 VISHAY-TCET1600_V02 Datasheet
154Kb / 8P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2023
TCET2600 VISHAY-TCET2600_10 Datasheet
167Kb / 8P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.6, 10-Dec-10
SFH620A VISHAY-SFH620A_05 Datasheet
400Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.6, 01-Dec-05
SFH620A VISHAY-SFH620A_V01 Datasheet
167Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2022
K814P VISHAY-K814P_V02 Datasheet
184Kb / 8P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2023
TCET1600 VISHAY-TCET1600_05 Datasheet
195Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.8, 01-Dec-05
K814P VISHAY-K814P_04 Datasheet
262Kb / 9P
   Optocoupler, Phototransistor Output, AC input
Rev. 1.8, 26-Oct-04
TCET1600 VISHAY-TCET1600_10 Datasheet
156Kb / 8P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.9, 10-Dec-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com