Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH619A-X009T Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SFH619A-X009T
Description  Optocoupler, Photodarlington Output, High Gain, 300 V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH619A-X009T Datasheet(HTML) 2 Page - Vishay Siliconix

  SFH619A-X009T Datasheet HTML 1Page - Vishay Siliconix SFH619A-X009T Datasheet HTML 2Page - Vishay Siliconix SFH619A-X009T Datasheet HTML 3Page - Vishay Siliconix SFH619A-X009T Datasheet HTML 4Page - Vishay Siliconix SFH619A-X009T Datasheet HTML 5Page - Vishay Siliconix SFH619A-X009T Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SFH619A
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 13-Jan-12
2
Document Number: 83674
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
maximum ratings for extended periods of the time can adversely affect reliability.
(1) Refer to reflow profile for soldering conditions for surface mounted devices (SMD). Refer to wave profile for soldering conditions for through
hole devices (DIP).
Note
• Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
COUPLER
Derate linearly from 25 °C
3.33
mW/°C
Total power dissipation
Ptot
250
mW
Isolation test voltage
between emitter and detector
t = 1 s
VISO
5300
VRMS
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
≥ 1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
≥ 1011
Ω
Storage temperature
Tstg
- 55 to + 150
°C
Operating temperature
Tamb
- 55 to + 100
°C
Soldering temperature (1)
max. 10 s, dip soldering: distance
to seating plane
≥ 1.5 mm
Tsld
260
°C
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 10 mA
VF
1.2
1.5
V
Reverse current
VR = 6 V
IR
0.02
10
μA
Capacitance
VR = 0 V
CO
14
pF
OUTPUT
Collector emitter breakdown voltage
ICE = 100 μA
BVCEO
300
V
Emitter collector breakdown voltage
IEC = 100 μA
BVECO
0.3
V
Collector emitter dark current
VCE = 200 V,TA = 25 °C
ICEO
10
200
nA
VCE = 200 V,TA = 100 °C
ICEO
20
nA
Collector emitter capacitance
VCE = 0 V, f = 1 MHz
CCE
39
pF
COUPLER
Collector emitter saturation voltage
IF = 1 mA, IC = 10 mA
VCEsat
1V
IF = 10 mA, IC = 100 mA
VCEsat
0.3
1.2
V
Coupling capacitance
VI-O = 0 V, f = 1 MHz
CC
0.6
pF
CURRENT TRANSFER RATIO
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Coupling transfer ratio
IF = 1 mA, VCE = 1 V
CTR
1000
%
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Rise time
VCC = 10 V, IC = 10 mA, RL = 100
Ω
tr
3.5
μs
VCC = 10 V, IF = 16 mA, RL = 180
Ω
tr
1μs
Fall time
VCC = 10 V, IC = 10 mA, RL = 100
Ω
tf
14.5
μs
VCC = 10 V, IF = 16 mA, RL = 180
Ω
tf
20.5
μs
Turn-on time
VCC = 10 V, IC = 10 mA, RL = 100
Ω
ton
4.5
μs
VCC = 10 V, IF = 16 mA, RL = 180
Ω
ton
1.5
μs
Turn-off time
VCC = 10 V, IC = 10 mA, RL = 100
Ω
toff
29
μs
VCC = 10 V, IF = 16 mA, RL = 180
Ω
toff
53.5
μs
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT


Similar Part No. - SFH619A-X009T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH619A-X009T VISHAY-SFH619A-X009T Datasheet
202Kb / 10P
   Optocoupler, Photodarlington Output, High Gain, 300 V BVCEO
01-Jan-2022
More results

Similar Description - SFH619A-X009T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH619A VISHAY-SFH619A_V02 Datasheet
202Kb / 10P
   Optocoupler, Photodarlington Output, High Gain, 300 V BVCEO
01-Jan-2023
SFH619A VISHAY-SFH619A_V01 Datasheet
202Kb / 10P
   Optocoupler, Photodarlington Output, High Gain, 300 V BVCEO
01-Jan-2022
SFH619A VISHAY-SFH619A_08 Datasheet
113Kb / 7P
   Optocoupler, Photodarlington Output, High Gain, 300 BVCEO
Rev. 1.5, 25-Jan-08
IL55B VISHAY-IL55B Datasheet
115Kb / 6P
   Optocoupler, Photodarlington Output, High Gain
Rev. 1.5, 26-Oct-04
TCED2100 VISHAY-TCED2100_08 Datasheet
163Kb / 8P
   Optocoupler, Photodarlington Output, Dual Channel, High Gain
Rev. 1.6, 16-May-08
ILQ32 VISHAY-ILQ32_V02 Datasheet
180Kb / 6P
   Optocoupler, Photodarlington Output, High Gain (Quad Channel)
01-Jan-2023
TCED2100 VISHAY-TCED2100_V01 Datasheet
155Kb / 8P
   Optocoupler, Photodarlington Output, Dual Channel, High Gain
01-Jan-2022
ILQ32 VISHAY-ILQ32_11 Datasheet
183Kb / 6P
   Optocoupler, Photodarlington Output, High Gain (Quad Channel)
Rev. 1.8, 24-May-11
TCED2100 VISHAY-TCED2100_V02 Datasheet
155Kb / 8P
   Optocoupler, Photodarlington Output, Dual Channel, High Gain
01-Jan-2023
4N32 VISHAY-4N32_11 Datasheet
125Kb / 6P
   Optocoupler, Photodarlington Output, High Gain With Base Connection
Rev. 1.2, 15-Feb-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com