Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K825P Datasheet(PDF) 2 Page - Vishay Siliconix

Part # K825P
Description  Optocoupler, Photodarlington Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K825P Datasheet(HTML) 2 Page - Vishay Siliconix

  K825P Datasheet HTML 1Page - Vishay Siliconix K825P Datasheet HTML 2Page - Vishay Siliconix K825P Datasheet HTML 3Page - Vishay Siliconix K825P Datasheet HTML 4Page - Vishay Siliconix K825P Datasheet HTML 5Page - Vishay Siliconix K825P Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
K815P, K825P, K845P
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 24-Sep-12
2
Document Number: 83524
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
maximum ratings for extended periods of the time can adversely affect reliability.
(1) Refer to wave profile for soldering conditions for through hole devices.
Note
• Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
OUTPUT
Collector emitter voltage
VCEO
35
V
Emitter collector voltage
VECO
7V
Collector current
IC
80
mA
Collector peak current
tp/T = 0.5, tp
≤ 10 ms
ICM
100
mA
Power dissipation
Pdiss
150
mW
Junction temperature
Tj
125
°C
COUPLER
AC isolation test voltage (RMS)
t = 1 min, f = 50 Hz
VISO
5kV
Total power dissipation
Ptot
250
mW
Operating ambient temperature
Tamb
- 40 to + 100
°C
Storage temperature range
Tstg
- 55 to + 125
°C
Soldering temperature (1)
Tsld
260
°C
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 20 mA
VF
1.2
1.4
V
Reverse current
VR = 6 V
IR
10
μA
OUTPUT
Collector emitter voltage
IC = 100 μA
VCEO
35
V
Emitter collector voltage
IE = 100 μA
VCEO
7V
Collector dark current
VCE = 10 V, IF = 0 A, E = 0
ICEO
100
nA
COUPLER
Collector emitter saturation voltage
IC = 5 mA, IF = 20 mA
VCEsat
0.1
V
Cut-off frequency
IF = 10 mA, VCE = 5 V,
RL = 100
Ω
fc
10
kHz
Coupling capacitance
f = 1 MHz
Ck
0.3
pF
CURRENT TRANSFER RATIO
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
IC/IF
IF = 1 mA, VCE = 2 V
CTR
600
800
%
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Rise time
VCE = 2 V, IC = 10 mA, RL = 100
Ω
(see figure 1)
tr
300
μs
Turn-off time
VCE = 2 V, IC = 10 mA, RL = 100
Ω
(see figure 1)
toff
250
μs
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT


Similar Part No. - K825P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
K825P VISHAY-K825P Datasheet
172Kb / 9P
   Optocoupler with Photodarlington Output
Rev. A3, 29-Jun-99
K825P VISHAY-K825P Datasheet
129Kb / 6P
   Optocoupler, Photodarlington Output
Rev. 2.1, 24-Sep-12
K825P VISHAY-K825P Datasheet
126Kb / 6P
   Optocoupler, Photodarlington Output
01-Jan-2022
K825P VISHAY-K825P Datasheet
126Kb / 6P
   Optocoupler, Photodarlington Output
01-Jan-2023
More results

Similar Description - K825P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH612A VISHAY-SFH612A Datasheet
118Kb / 7P
   Optocoupler, Photodarlington Output
Rev. 1.4, 26-Oct-04
K845P VISHAY-K845P_V01 Datasheet
126Kb / 6P
   Optocoupler, Photodarlington Output
01-Jan-2022
IL30 VISHAY-IL30_07 Datasheet
175Kb / 9P
   Optocoupler, Photodarlington Output
Rev. 1.6, 14-Dec-07
K851P VISHAY-K851P Datasheet
129Kb / 6P
   Optocoupler, Photodarlington Output
Rev. 2.1, 24-Sep-12
K815P VISHAY-K815P_V02 Datasheet
126Kb / 6P
   Optocoupler, Photodarlington Output
01-Jan-2023
TCMD1000 VISHAY-TCMD1000 Datasheet
464Kb / 12P
   Optocoupler with Photodarlington Output
Rev. A2, 15-Dec-00
K815P VISHAY-K815P Datasheet
172Kb / 9P
   Optocoupler with Photodarlington Output
Rev. A3, 29-Jun-99
TCED1100 VISHAY-TCED1100 Datasheet
207Kb / 9P
   Optocoupler with Photodarlington Output
Rev. A3, 11-Jan-99
4N32 VISHAY-4N32 Datasheet
90Kb / 7P
   Optocoupler with Photodarlington Output
Rev. 1.4, 26-Jan-05
TCLD1000 VISHAY-TCLD1000 Datasheet
298Kb / 10P
   Optocoupler with Photodarlington Output
Rev. A3, 19-Mar-01
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com