Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILQ55-X007 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # ILQ55-X007
Description  Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILQ55-X007 Datasheet(HTML) 5 Page - Vishay Siliconix

  ILQ55-X007 Datasheet HTML 1Page - Vishay Siliconix ILQ55-X007 Datasheet HTML 2Page - Vishay Siliconix ILQ55-X007 Datasheet HTML 3Page - Vishay Siliconix ILQ55-X007 Datasheet HTML 4Page - Vishay Siliconix ILQ55-X007 Datasheet HTML 5Page - Vishay Siliconix ILQ55-X007 Datasheet HTML 6Page - Vishay Siliconix ILQ55-X007 Datasheet HTML 7Page - Vishay Siliconix ILQ55-X007 Datasheet HTML 8Page - Vishay Siliconix ILQ55-X007 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IL30, ILD55, ILQ30, ILQ31, ILQ55
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 28-Jul-14
5
Document Number: 83621
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE DIMENSIONS in millimeters
DIP-6
DIP-8
9.00 max.
8.60 ± 0.10
0.90 min.
0.85 ± 0.10
0.50 ± 0.10
2.54 typ.
1.27 ± 0.10
PIN ONE I.D.
654
123
7.62 typ.
6.50 ± 0.25
0.25 ± 0.10
3° to 9°
PIN ONE I.D.
1
8
4
23
6
75
10.20 max.
9.75 ± 0.15
2.54 typ.
1.27 ± 0.10
0.50 ± 0.10
0.70 min.
7.62 typ.
6.60 ± 0.25
0.25 ± 0.10
3° to 9°


Similar Part No. - ILQ55-X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILQ55-X007 VISHAY-ILQ55-X007 Datasheet
180Kb / 9P
   Optocoupler, Photodarlington Output (Single, Dual, Quad Channel)
Rev. 1.5, 26-Oct-04
ILQ55-X007 VISHAY-ILQ55-X007 Datasheet
175Kb / 9P
   Optocoupler, Photodarlington Output
Rev. 1.6, 14-Dec-07
More results

Similar Description - ILQ55-X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL30 VISHAY-IL30_V02 Datasheet
259Kb / 11P
   Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
01-Jan-2023
ILQ55 VISHAY-ILQ55_V01 Datasheet
259Kb / 11P
   Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
01-Jan-2022
IL30 VISHAY-IL30 Datasheet
180Kb / 9P
   Optocoupler, Photodarlington Output (Single, Dual, Quad Channel)
Rev. 1.5, 26-Oct-04
IL66 VISHAY-IL66_07 Datasheet
681Kb / 9P
   Optocoupler, Photodarlington Output, with Internal RBE (Single, Dual, Quad Channel)
Rev. 1.6, 13-Dec-07
ILD32 VISHAY-ILD32 Datasheet
181Kb / 8P
   Optocoupler, Photodarlington Output, High Gain (Dual, Quad Channel)
Rev. 1.5, 26-Oct-04
ILQ32 VISHAY-ILQ32_V02 Datasheet
180Kb / 6P
   Optocoupler, Photodarlington Output, High Gain (Quad Channel)
01-Jan-2023
ILQ32 VISHAY-ILQ32_11 Datasheet
183Kb / 6P
   Optocoupler, Photodarlington Output, High Gain (Quad Channel)
Rev. 1.8, 24-May-11
ILQ32 VISHAY-ILQ32_V01 Datasheet
180Kb / 6P
   Optocoupler, Photodarlington Output, High Gain (Quad Channel)s
01-Jan-2022
TCED2100 VISHAY-TCED2100_08 Datasheet
163Kb / 8P
   Optocoupler, Photodarlington Output, Dual Channel, High Gain
Rev. 1.6, 16-May-08
TCED2100 VISHAY-TCED2100_V01 Datasheet
155Kb / 8P
   Optocoupler, Photodarlington Output, Dual Channel, High Gain
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com