Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CNY17F-3X009T Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. CNY17F-3X009T
Description  Optocoupler, Phototransistor Output, no Base Connection
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY17F-3X009T Datasheet(HTML) 1 Page - Vishay Siliconix

  CNY17F-3X009T Datasheet HTML 1Page - Vishay Siliconix CNY17F-3X009T Datasheet HTML 2Page - Vishay Siliconix CNY17F-3X009T Datasheet HTML 3Page - Vishay Siliconix CNY17F-3X009T Datasheet HTML 4Page - Vishay Siliconix CNY17F-3X009T Datasheet HTML 5Page - Vishay Siliconix CNY17F-3X009T Datasheet HTML 6Page - Vishay Siliconix CNY17F-3X009T Datasheet HTML 7Page - Vishay Siliconix CNY17F-3X009T Datasheet HTML 8Page - Vishay Siliconix CNY17F-3X009T Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CNY17F
www.vishay.com
Vishay Semiconductors
Rev. 2.2, 08-Jan-14
1
Document Number: 83607
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Optocoupler, Phototransistor Output, no Base Connection
DESCRIPTION
The CNY17F is an optocoupler consisting of a gallium
arsenide infrared emitting diode optically coupled to a
silicon planar phototransistor detector in a plastic plug-in
DIP-6 package.
The coupling device is suitable for signal transmission
between two electrically separated circuits. The potential
difference between the circuits to be coupled is not allowed
to exceed the maximum permissible reference voltages.
In contrast to the CNY17 series, the base terminal of the
F type is not conected, resulting in a substantially improved
common-mode interference immunity.
FEATURES
• Isolation test voltage, 5000 VRMS
• No base terminal connection for improved
common mode interface immunity
• Long term stability
• Industry standard dual-in-line package
• Material categorization: For definitions of
compliance please see www.vishay.com/doc?99912
AGENCY APPROVALS
Safety application model number covering all products in
this datasheet is CNY17F. This model number should be
used when consulting safety agency documents.
• UL file no. E52744
• cUL tested to CSA 22.2 bulletin 5A
• DIN EN 60747-5-5 (VDE 0884-5), available with option 1
• BSI: EN 60065, EN 60950-1
• FIMKO EN60950
• CQC GB8898-2011
Notes
• Additional options may be possible, please contact sales office.
(1) Also available in tubes; do not put T on end.
1
2
3
6
5
4
NC
C
E
A
C
NC
i179004-14
ORDERING INFORMATION
C
N
Y1
7
F
-
#
X0
#
#
T
PART NUMBER
CTR
BIN
PACKAGE OPTION
TAPE
AND
REEL
AGENCY CERTIFIED/PACKAGE
CTR (%)
UL, cUL, BSI, FIMKO
40 to 80
63 to 125
100 to 200
160 to 320
DIP-6
CNY17F-1
CNY17F-2
CNY17F-3
CNY17F-4
DIP-6, 400 mil, option 6
CNY17F-1X006
CNY17F-2X006
CNY17F-3X006
CNY17F-4X006
SMD-6, option 7
CNY17F-1X007 (1)
CNY17F-2X007T (1)
CNY17F-3X007T (1)
CNY17F-4X007T (1)
SMD-6, option 9
CNY17F-1X009T (1)
CNY17F-2X009T (1)
CNY17F-3X009T (1)
CNY17F-4X009T (1)
VDE, UL, cUL, BSI, FIMKO
40 to 80
63 to 125
100 to 200
160 to 320
DIP-6
CNY17F-1X001
CNY17F-2X001
CNY17F-3X001
CNY17F-4X001
DIP-6, 400 mil, option 6
CNY17F-1X016
CNY17F-2X016
CNY17F-3X016
CNY17F-4X016
SMD-6, option 7
CNY17F-1X017 (1)
CNY17F-2X017 (1)
CNY17F-3X017 (1)
CNY17F-4X017 (1)
SMD-6, option 9
CNY17F-1X019
CNY17F-2X019 (1)
CNY17F-3X019 (1)
-
7.62 mm
10.16 mm
> 8 mm
8 mm typ.
Option 7
Option 6
Option 9
DIP-6


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn