Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNY65BEXI Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CNY65BEXI
Description  Optocoupler, Phototransistor Output, ATEX Certified
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY65BEXI Datasheet(HTML) 2 Page - Vishay Siliconix

  CNY65BEXI Datasheet HTML 1Page - Vishay Siliconix CNY65BEXI Datasheet HTML 2Page - Vishay Siliconix CNY65BEXI Datasheet HTML 3Page - Vishay Siliconix CNY65BEXI Datasheet HTML 4Page - Vishay Siliconix CNY65BEXI Datasheet HTML 5Page - Vishay Siliconix CNY65BEXI Datasheet HTML 6Page - Vishay Siliconix CNY65BEXI Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CNY65Exi
www.vishay.com
Vishay Semiconductors
Rev. 2.5, 10-Feb-15
2
Document Number: 83541
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
Maximum Rating for extended periods of the time can adversely affect reliability.
Notes
• Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
(1) Related to standard climate 23/50 DIN 50014.
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Reverse voltage
VR
5V
Forward current
IF
75
mA
Forward surge current
tp
≤ 10 μs
IFSM
1.5
A
Power dissipation
Pdiss
120
mW
Junction temperature
Tj
100
°C
OUTPUT
Collector emitter voltage
VCEO
32
V
Emitter collector voltage
VECO
7V
Collector current
IC
50
mA
Collector peak current
tp/T = 0.5, tp
≤ 10 ms
ICM
100
mA
Power dissipation
Pdiss
130
mW
Junction temperature
Tj
100
°C
COUPLER
DC isolation test voltage
t = 1 min
VISO
11.6
kV
Total power dissipation
Ptot
250
mW
Ambient temperature range
Tamb
-55 to +85
°C
Storage temperature range
Tstg
-55 to +100
°C
Soldering temperature
2 mm from case, t
≤ 10 s
Tsld
260
°C
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 50 mA
VF
1.25
1.6
V
OUTPUT
Collector emitter voltage
IC = 1 mA
VCEO
32
V
Emitter collector voltage
IE = 100 μA
VECO
7V
Collector dark current
VCE = 20 V, If = 0, E = 0
ICEO
200
nA
COUPLER
DC isolation test voltage
t = 1 min
VISO (1)
11.6
kV
Isolation resistance
VIO = 1 kV,
40 % relative humidity
RIO (1)
1012
Ω
Collector saturation voltage
IF = 10 mA, IC = 1 mA
VCEsat
0.3
V
Cut-off frequency
VCE = 5 V, IF = 10 mA,
RL = 100
Ω
fc
110
kHz
Coupling capacitance
f = 1 MHz
Ck
0.3
pF
CURRENT TRANSFER RATIO (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
IC/IF
VCE = 5 V, IF = 10 mA
CNY65Exi
CTR
50
100
300
%
CNY65BExi
CTR
100
200
%


Similar Part No. - CNY65BEXI

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY65BEXI VISHAY-CNY65BEXI Datasheet
144Kb / 8P
   Optocoupler, Phototransistor Output, ATEX Certified
01-Jan-2022
More results

Similar Description - CNY65BEXI

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY65EXI VISHAY-CNY65EXI_V02 Datasheet
144Kb / 8P
   Optocoupler, Phototransistor Output, ATEX Certified
01-Jan-2023
CNY65EXI VISHAY-CNY65EXI_V01 Datasheet
144Kb / 8P
   Optocoupler, Phototransistor Output, ATEX Certified
01-Jan-2022
TCDT1110 VISHAY-TCDT1110_08 Datasheet
153Kb / 8P
   Optocoupler, Phototransistor Output
Rev. 1.8, 16-May-08
CNY17 VISHAY-CNY17_05 Datasheet
129Kb / 9P
   Optocoupler, Phototransistor Output,
Rev. 1.5, 09-Nov-05
TCDT1100 VISHAY-TCDT1100_08 Datasheet
154Kb / 9P
   Optocoupler, Phototransistor Output
Rev. 1.6, 16-May-08
TCET1201 VISHAY-TCET1201_V02 Datasheet
151Kb / 8P
   Optocoupler, Phototransistor Output
01-Jan-2023
K817P VISHAY-K817P Datasheet
235Kb / 9P
   Optocoupler, Phototransistor Output
Rev. 1.7, 26-Oct-04
ILD621 VISHAY-ILD621_07 Datasheet
176Kb / 10P
   Optocoupler, Phototransistor Output
Rev. 1.5, 20-Dec-07
TCET1204 VISHAY-TCET1204_V01 Datasheet
151Kb / 8P
   Optocoupler, Phototransistor Output
01-Jan-2022
CNY74-2H VISHAY-CNY74-2H_08 Datasheet
161Kb / 8P
   Optocoupler, Phototransistor Output,Multichannel
Rev. 1.5, 07.-Dec-07
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com