Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAX-100-NP Datasheet(PDF) 4 Page - LEM

Part # LAX-100-NP
Description  Current Transducer LAX SERIES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LAX-100-NP Datasheet(HTML) 4 Page - LEM

  LAX-100-NP Datasheet HTML 1Page - LEM LAX-100-NP Datasheet HTML 2Page - LEM LAX-100-NP Datasheet HTML 3Page - LEM LAX-100-NP Datasheet HTML 4Page - LEM LAX-100-NP Datasheet HTML 5Page - LEM LAX-100-NP Datasheet HTML 6Page - LEM LAX-100-NP Datasheet HTML 7Page - LEM LAX-100-NP Datasheet HTML 8Page - LEM LAX-100-NP Datasheet HTML 9Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Page 4/12
www .lem.com
070615/8
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
Isolation characteristics
Isolation application example
The transducer can be used according to EN 50178 and IEC 61010-1 standards under following conditions
(for example):
Rated isolation voltage: 600 V
Reinforced isolation
Over voltage category OV III
Pollution degree PD2
Non-uniform field
The creepage distance and clearance of the transducer mounted on a PCB are greater than 8 mm only if the primary
circuit tracks stay out of the shaded area shown below:
Figure 1: zone not permitted for primary tracks (to guarantee rated creepage and clearance)
LAX series 16-100 A
Symbol
Unit
Value
Rms voltage for AC isolation test, 50 Hz, 1 min, between
primary and secondary
Vd
kV
3.5
Impulse withstand voltage 1.2/50 µs
Vw
kV
8
Partial discharge extinction voltage rms @ 10pC
Ve
kV
> 1.3
Creepage distance
dCp
mm
8
Clearance distance
dCI
mm
8
Comparative Tracking Index
CTI
V
600


Similar Part No. - LAX-100-NP

ManufacturerPart #DatasheetDescription
logo
LEM
LAX100-NP LEM-LAX100-NP Datasheet
273Kb / 12P
   Current Transducer LAX SERIES
logo
List of Unclassifed Man...
LAXC021T0B-Q1 ETC2-LAXC021T0B-Q1 Datasheet
33Kb / 1P
   IC for LCD TV
logo
Taiyo Yuden (U.S.A.), I...
LAXHG5050XAT100MMR TAIYO-YUDEN-LAXHG5050XAT100MMR Datasheet
407Kb / 3P
   Wire-wound Ferrite Power Inductors LAXH series for Automotive Powertrain and Safety
2023/12/13
LAXHG5050XAT150MMR TAIYO-YUDEN-LAXHG5050XAT150MMR Datasheet
406Kb / 3P
   Wire-wound Ferrite Power Inductors LAXH series for Automotive Powertrain and Safety
2024/1/9
LAXHG5050XAT220MMR TAIYO-YUDEN-LAXHG5050XAT220MMR Datasheet
406Kb / 3P
   Wire-wound Ferrite Power Inductors LAXH series for Automotive Powertrain and Safety
2023/12/13
More results

Similar Description - LAX-100-NP

ManufacturerPart #DatasheetDescription
logo
LEM
LAX100-NP LEM-LAX100-NP Datasheet
273Kb / 12P
   Current Transducer LAX SERIES
CAS-25-NP LEM-CAS-25-NP Datasheet
1Mb / 16P
   Current Transducer CAS series
CTSR-0.6-P LEM-CTSR-0.6-P Datasheet
675Kb / 11P
   Current Transducer CTSR series
HO50-S LEM-HO50-S Datasheet
1Mb / 14P
   Current Transducer
HO60-P LEM-HO60-P Datasheet
1Mb / 15P
   Current Transducer
HO-NP-0000 LEM-HO-NP-0000 Datasheet
2Mb / 16P
   Current Transducer
HXS20-NP-SP2 LEM-HXS20-NP-SP2 Datasheet
757Kb / 3P
   Current Transducer
LA55-P LEM-LA55-P_09 Datasheet
515Kb / 3P
   Current Transducer
LA150-TP LEM-LA150-TP Datasheet
243Kb / 3P
   Current Transducer
LTS15-NP LEM-LTS15-NP_11 Datasheet
471Kb / 3P
   Current Transducer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com