Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLSR-50-P Datasheet(PDF) 3 Page - LEM

Part # HLSR-50-P
Description  Current Transducer HLSR-P series
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HLSR-50-P Datasheet(HTML) 3 Page - LEM

  HLSR-50-P Datasheet HTML 1Page - LEM HLSR-50-P Datasheet HTML 2Page - LEM HLSR-50-P Datasheet HTML 3Page - LEM HLSR-50-P Datasheet HTML 4Page - LEM HLSR-50-P Datasheet HTML 5Page - LEM HLSR-50-P Datasheet HTML 6Page - LEM HLSR-50-P Datasheet HTML 7Page - LEM HLSR-50-P Datasheet HTML 8Page - LEM HLSR-50-P Datasheet HTML 9Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Page 3/13
27August2015/Version 10
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
HLSR-P series
Insulation coordination
Parameter
Symbol
Unit
Value
Comment
Rms voltage for AC insulation test 50/60 Hz/1 min
U
d
kV
4.3
Impulse withstand voltage 1.2/50 µs
Û
W
kV
8
Clearance (pri. - sec.)
d
CI
mm
> 8
Shortest distance through
air
Creepage distance (pri. - sec.)
d
Cp
mm
> 8
Shortest path along device
body
Clearance (pri. - sec.)
-
mm
8
When mounted on PCB
with recommended layout
Case material
-
-
V0
According to UL 94
Comparative tracking index
CTI
600
Application example
-
-
600 V CAT III
PD2
Reinforced insulation, non
uniform field according to
EN 50178, IEC 61010
Application example
-
-
1000 V
CAT III PD2
Simple insulation, non
uniform field according to
EN 50178, IEC 61010
Application example
-
-
600 V CAT III
PD2
According to UL 508
Environmental and mechanical characteristics
Parameter
Symbol
Unit
Min
Typ
Max
Comment
Ambient operating temperature
T
A
°C
−40
105
Ambient storage temperature
T
S
°C
−40
105
Mass
m
g
5


Similar Part No. - HLSR-50-P

ManufacturerPart #DatasheetDescription
logo
LEM
HLSR-10-P LEM-HLSR-10-P Datasheet
1Mb / 13P
   Current Transducer HLSR-P series
HLSR-P LEM-HLSR-P Datasheet
998Kb / 13P
   Current Transducer
HLSR-P-SP33 LEM-HLSR-P-SP33 Datasheet
1Mb / 12P
   Current Transducer
HLSR-SM LEM-HLSR-SM Datasheet
972Kb / 13P
   Current Transducer
More results

Similar Description - HLSR-50-P

ManufacturerPart #DatasheetDescription
logo
LEM
HLSR-10-P LEM-HLSR-10-P Datasheet
1Mb / 13P
   Current Transducer HLSR-P series
LA100P LEM-LA100P Datasheet
69Kb / 2P
   CURRENT TRANSDUCER LA 100-P
LA150-P LEM-LA150-P Datasheet
26Kb / 2P
   Current Transducer LA 150-P
LA55P LEM-LA55P Datasheet
68Kb / 2P
   Current Transducer LA 55-P
LT100-P LEM-LT100-P Datasheet
721Kb / 3P
   Current Transducer LT 100-P
HY50-P LEM-HY50-P Datasheet
130Kb / 2P
   Current Transducer HY 50-P
LAH50-P LEM-LAH50-P Datasheet
219Kb / 2P
   Current Transducer LAH 50-P
LA55-P LEM-LA55-P Datasheet
68Kb / 2P
   Current Transducer LA 55-P
LA-150-P LEM-LA-150-P Datasheet
336Kb / 4P
   Current Transducer LA 150-P
LA100-P LEM-LA100-P Datasheet
69Kb / 2P
   Current Transducer LA 100-P
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com