Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CASR-25-NP Datasheet(PDF) 10 Page - LEM

Part # CASR-25-NP
Description  CAS / CASR / CKSR series Current Transducers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

CASR-25-NP Datasheet(HTML) 10 Page - LEM

Back Button CASR-25-NP Datasheet HTML 6Page - LEM CASR-25-NP Datasheet HTML 7Page - LEM CASR-25-NP Datasheet HTML 8Page - LEM CASR-25-NP Datasheet HTML 9Page - LEM CASR-25-NP Datasheet HTML 10Page - LEM CASR-25-NP Datasheet HTML 11Page - LEM CASR-25-NP Datasheet HTML 12Page - LEM CASR-25-NP Datasheet HTML 13Page - LEM CASR-25-NP Datasheet HTML 14Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Fig. 8. CASR 50-NP Response time to a current step of 50 A
CAS / CASR / CKSR transducers max response
times (Response time defined at 0 % of I
PN)
against a current step at IPN will have a delay of
Max 0.3 µs (Fig. 8).
As a result of the fast response time,
a large bandwidth has been verified at
300 kHz @ + / - 3 dB (Fig. ).
Dynamic performances
10
Fig. 10a. Typical common mode behaviour
(1200 V of voltage variation applied with dv / dt = 20 kV /µs)
Fig. 10b. CASR 50-NP ; Typical common mode behaviour ; VOUT-VREF ;
(1200 V of voltage variation applied with dV/dt = 20 kV/µs)


Similar Part No. - CASR-25-NP

ManufacturerPart #DatasheetDescription
logo
LEM
CASR-15-NP LEM-CASR-15-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CASR-50-NP LEM-CASR-50-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CASR-6-NP LEM-CASR-6-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
More results

Similar Description - CASR-25-NP

ManufacturerPart #DatasheetDescription
logo
LEM
CKSR-15-NP LEM-CKSR-15-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CASR-15-NP LEM-CASR-15-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CASR-50-NP LEM-CASR-50-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CKSR-25-NP LEM-CKSR-25-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CKSR-50-NP LEM-CKSR-50-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CASR-6-NP LEM-CASR-6-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CAS-25-NP LEM-CAS-25-NP Datasheet
1Mb / 16P
   Current Transducer CAS series
HY50P LEM-HY50P_12 Datasheet
321Kb / 2P
   Current Transducers
HAC100 LEM-HAC100 Datasheet
840Kb / 3P
   Current Transducers
HAZ4000-SRU LEM-HAZ4000-SRU Datasheet
250Kb / 3P
   Current Transducers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com