Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS81314PQ19GK-800I Datasheet(PDF) 2 Page - GSI Technology

Part # GS81314PQ19GK-800I
Description  Burst of 2 Single-Bank ECCRAM
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS81314PQ19GK-800I Datasheet(HTML) 2 Page - GSI Technology

  GS81314PQ19GK-800I Datasheet HTML 1Page - GSI Technology GS81314PQ19GK-800I Datasheet HTML 2Page - GSI Technology GS81314PQ19GK-800I Datasheet HTML 3Page - GSI Technology GS81314PQ19GK-800I Datasheet HTML 4Page - GSI Technology GS81314PQ19GK-800I Datasheet HTML 5Page - GSI Technology GS81314PQ19GK-800I Datasheet HTML 6Page - GSI Technology GS81314PQ19GK-800I Datasheet HTML 7Page - GSI Technology GS81314PQ19GK-800I Datasheet HTML 8Page - GSI Technology GS81314PQ19GK-800I Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
GS81314PQ19/37GK-933/800
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.02 3/2016
2/39
© 2015, GSI Technology
8M x 18 Pinout (Top View)
1
2
3
4
5
6
7
8
9
10
11
12
13
A
VDD
NUO
VDD
NUI
NC
(RSVD)
MCH
(CFG)
MRW
ZQ
PZT1
DINV0
VDD
QINV0
VDD
B
VSS
NUO
VSS
NUI
MCL
MCL
(B4M)
NC
(RSVD)
MCH
(SIOM)
PZT0
D0
VSS
Q0
VSS
C
Q17
VDDQ
D17
VDDQ
VSS
SA13
VDD
SA14
VSS
VDDQ
NUI
VDDQ
NUO
D
VSS
NUO
VSS
NUI
SA19
VDDQ
NC
(288 Mb)
VDDQ
SA20
D1
VSS
Q1
VSS
E
Q16
VDDQ
D16
VDD
VSS
SA11
VSS
SA12
VSS
VDD
NUI
VDDQ
NUO
F
VSS
NUO
VSS
NUI
SA17
VDD
VDDQ
VDD
SA18
D2
VSS
Q2
VSS
G
Q15
NUO
D15
NUI
VSS
SA9
NUI
SA10
VSS
D3
NUI
Q3
NUO
H
Q14
VDDQ
D14
VDDQ
SA15
VDDQ
W
VDDQ
SA16
VDDQ
NUI
VDDQ
NUO
J
VSS
NUO
VSS
NUI
VSS
SA7
VSS
SA8
VSS
D4
VSS
Q4
VSS
K
CQ1
VDDQ
VREF
VDD
KD1
VDD
CK
VDD
KD0
VDD
VREF
VDDQ
CQ0
L
CQ1
VSS
QVLD1
Vss
KD1
VDDQ
CK
VDDQ
KD0
VSS
QVLD0
VSS
CQ0
M
VSS
Q13
VSS
D13
VSS
SA5
VSS
SA6
VSS
NUI
VSS
NUO
VSS
N
NUO
VDDQ
NUI
VDDQ
PLL
VDDQ
R
VDDQ
MCL
VDDQ
D5
VDDQ
Q5
P
NUO
Q12
NUI
D12
VSS
SA3
MZT
SA4
VSS
NUI
D6
NUO
Q6
R
VSS
Q11
VSS
D11
MCH
VDD
VDDQ
VDD
RST
NUI
VSS
NUO
VSS
T
NUO
VDDQ
NUI
VDD
VSS
SA1
VSS
SA2
VSS
VDD
D7
VDDQ
Q7
U
VSS
Q10
VSS
D10
NC
(576 Mb)
VDDQ
NC
(RSVD)
VDDQ
NC
(1152 Mb)
NUI
VSS
NUO
VSS
V
NUO
VDDQ
NUI
VDDQ
VSS
SA21
(x18)
VDD
SA0
(B2)
VSS
VDDQ
D8
VDDQ
Q8
W
VSS
Q9
VSS
D9
TCK
MCL
RCS
MCL
TMS
NUI
VSS
NUO
VSS
Y
VDD
QINV1
VDD
DINV1
TDO
NU
NC
(RSVD)
MCL
TDI
NUI
VDD
NUO
VDD
Notes:
1. Pins 5B, 6W, 8W, 8Y, and 9N must be tied Low in this device.
2. Pin 5R must be tied High in this device.
3. Pin 6A is defined as mode pin CFG in the pinout standard. It must be tied High in this device to select x18 configuration.
4. Pin 6B is defined as mode pin B4M in the pinout standard. It must be tied Low in this device to select Burst-of-2 configuration.
5. Pin 8B is defined as mode pin SIOM in the pinout standard. It must be tied High in this device to select Separate I/O configuration.
6. Pin 6V is defined as address pin SA for x18 devices. It is used in this device.
7. Pin 8V is defined as address pin SA for B2 devices. It is used in this device.
8. Pin 7D is reserved as address pin SA for 288 Mb devices. It is a true no connect in this device.
9. Pin 5U is reserved as address pin SA for 576 Mb devices. It is a true no connect in this device.
10. Pin 9U is reserved as address pin SA for 1152 Mb devices. It is a true no connect in this device.


Similar Part No. - GS81314PQ19GK-800I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS81314PQ19GK-800 GSI-GS81314PQ19GK-800 Datasheet
484Kb / 39P
   Burst of 2 Single-Bank ECCRAM
More results

Similar Description - GS81314PQ19GK-800I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS81314LQ19GK-800 GSI-GS81314LQ19GK-800 Datasheet
482Kb / 39P
   Burst of 2 Single-Bank ECCRAM
GS81314PQ19 GSI-GS81314PQ19 Datasheet
484Kb / 39P
   Burst of 2 Single-Bank ECCRAM
GS81314LQ19GK-800I GSI-GS81314LQ19GK-800I Datasheet
482Kb / 39P
   Burst of 2 Single-Bank ECCRAM
GS81314LQ19GK-933I GSI-GS81314LQ19GK-933I Datasheet
482Kb / 39P
   Burst of 2 Single-Bank ECCRAM
GS81314PQ19GK-800 GSI-GS81314PQ19GK-800 Datasheet
484Kb / 39P
   Burst of 2 Single-Bank ECCRAM
GS81314LQ18GK-120 GSI-GS81314LQ18GK-120 Datasheet
489Kb / 40P
   Burst of 2 Multi-Bank ECCRAM
GS81314LQ36GK-106I GSI-GS81314LQ36GK-106I Datasheet
489Kb / 40P
   Burst of 2 Multi-Bank ECCRAM
GS81314LD19GK-800 GSI-GS81314LD19GK-800 Datasheet
487Kb / 39P
   Burst of 4 Single-Bank ECCRAM
GS81314PD19GK-800 GSI-GS81314PD19GK-800 Datasheet
487Kb / 39P
   Burst of 4 Single-Bank ECCRAM
GS81314PQ18GK-106 GSI-GS81314PQ18GK-106 Datasheet
490Kb / 39P
   Burst of 2 Multi-Bank ECCRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com