Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FPC06076 Datasheet(PDF) 1 Page - Knowles Electronics

Part No. FPC06076
Description  4 to 8GHz 20dB Directional Coupler
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KNOWLES [Knowles Electronics]
Homepage  http://www.knowles.com
Logo 

FPC06076 Datasheet(HTML) 1 Page - Knowles Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION
DLI introduces its new high frequency surface
mountable catalog direction couplers. These
couplers incorporate DLI’s high dielectric
ceramic materials which provide small size
and minimal performance variation over
temperature. The components are well
matched for monitoring incident and reflected
power.
FEATURES
Small Size
Frequency Stable over Temperature
Solder Surface Mountable
Excellent Repeatability
Operating Temp: -55˚C to +125˚C
Characteristic Impedance: 50Ω
SPECIFICATIONS*
*Typical measured performance mounted on RO4350B test board at 25°C.
4 to 8GHz 20dB Directional Coupler
FPC06076
Typical Measured Performance
Parameter
Frequency
(GHz)
Min
Max
Passband Insertion Loss*
(dB)
0.3
4 - 8
Min Passband Return Loss
(dB)
15
Coupling (dB)
20
22
Directivity (dB)
20
Size (LxWxH)
0.170 x .080 x .015 in
4.318 x 2.032 x .381mm
www.knowlescapacitors.com
www.dilabs.com
2777 Route 20 East, Cazenovia, NY 13035| Ph: (315)655-8710 | KCCSales@knowles.com
May 2015
*Electrical specifications based on typical mounted performance at room
temperature. Insertion loss shall vary ±0.5dB over temperature.


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn