Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS81314LD37GK-800 Datasheet(PDF) 11 Page - GSI Technology

Part # GS81314LD37GK-800
Description  Burst of 4 Single-Bank ECCRAM
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS81314LD37GK-800 Datasheet(HTML) 11 Page - GSI Technology

Back Button GS81314LD37GK-800 Datasheet HTML 7Page - GSI Technology GS81314LD37GK-800 Datasheet HTML 8Page - GSI Technology GS81314LD37GK-800 Datasheet HTML 9Page - GSI Technology GS81314LD37GK-800 Datasheet HTML 10Page - GSI Technology GS81314LD37GK-800 Datasheet HTML 11Page - GSI Technology GS81314LD37GK-800 Datasheet HTML 12Page - GSI Technology GS81314LD37GK-800 Datasheet HTML 13Page - GSI Technology GS81314LD37GK-800 Datasheet HTML 14Page - GSI Technology GS81314LD37GK-800 Datasheet HTML 15Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
GS81314LD19/37GK-933/800
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.02 3/2016
11/39
© 2015, GSI Technology
Register Write Mode Utilization - Synchronous Method
Register Write Mode can also be utilized synchronously up to the full operating speed of the device. However, MRW cannot be
trained using Loopback Mode, so the ability to use it synchronously may be limited to slower operating frequencies where the lack
of training capability is less problematic for the user.
In this case, MRW, R, W, and SA[10:1] are all driven synchronously (i.e. they all meet setup and hold time specs to
CK). When
Register Write Mode is utilized in this manner, multiple registers can be programmed in successive cycles. The timing diagrams
below arbitrarily show four registers programmed in successive cycles, but in practice it can be any number greater than or equal to
one.
The requirements for this usage case are as follows:
• At least 16 NOPs must be initiated before and after the Register Write(s).
• MRW must be driven High (synchronously), R must be driven Low (synchronously), and SA[10:1] must be driven Valid (syn-
chronously) for each Register Write.
• W state is a “don’t care” (synchronously) for each Register Write.
Synchronous Register Write Timing Diagram
CK
SA[10:1]
W
Register Write Mode
16 NOPs
Read / Write
Read / Write
16 NOPs
Reg #d
Reg #a
MRW
Reg #b
Reg #c
tIVKH tKHIX
tRVKH tKHRX
R
X
X
X
X
V
V
V
V
V
V
V
V
V


Similar Part No. - GS81314LD37GK-800

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS81314LD37GK-933I GSI-GS81314LD37GK-933I Datasheet
487Kb / 39P
   Burst of 4 Single-Bank ECCRAM
More results

Similar Description - GS81314LD37GK-800

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS81314LD19GK-800 GSI-GS81314LD19GK-800 Datasheet
487Kb / 39P
   Burst of 4 Single-Bank ECCRAM
GS81314PD19GK-800 GSI-GS81314PD19GK-800 Datasheet
487Kb / 39P
   Burst of 4 Single-Bank ECCRAM
GS81314LD37GK-933I GSI-GS81314LD37GK-933I Datasheet
487Kb / 39P
   Burst of 4 Single-Bank ECCRAM
GS81314PD19GK-933I GSI-GS81314PD19GK-933I Datasheet
487Kb / 39P
   Burst of 4 Single-Bank ECCRAM
GS81314PD37GK-800I GSI-GS81314PD37GK-800I Datasheet
487Kb / 39P
   Burst of 4 Single-Bank ECCRAM
GS81314LD19GK-933 GSI-GS81314LD19GK-933 Datasheet
487Kb / 39P
   Burst of 4 Single-Bank ECCRAM
GS81314PD37GK-933I GSI-GS81314PD37GK-933I Datasheet
487Kb / 39P
   Burst of 4 Single-Bank ECCRAM
GS81314PD19GK-933 GSI-GS81314PD19GK-933 Datasheet
487Kb / 39P
   Burst of 4 Single-Bank ECCRAM
GS81314LQ19GK-800 GSI-GS81314LQ19GK-800 Datasheet
482Kb / 39P
   Burst of 2 Single-Bank ECCRAM
GS81314PQ19GK-800I GSI-GS81314PQ19GK-800I Datasheet
484Kb / 39P
   Burst of 2 Single-Bank ECCRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com