Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AEQ05470 Datasheet(PDF) 1 Page - Knowles Electronics

Part # AEQ05470
Description  Gain Equalizers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

AEQ05470 Datasheet(HTML) 1 Page - Knowles Electronics

  AEQ05470 Datasheet HTML 1Page - Knowles Electronics AEQ05470 Datasheet HTML 2Page - Knowles Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
9773-1/16
Phone: +1.315.655.8710 | Email: DLISales@knowles.com | www.dilabs.com
Gain Equalizers
Series Description
DLI’s Gain Equalizers are designed as a small, low cost
solution to your gain slope challenges. These equalizer
designs employ a monolithic construction with precision
thin-film conductor and resistor films with proprietary high
dielectric constant ceramics for superior RF performance
and repeatability. Components are well suited for use with
pick and place equipment.
Available in tape and reel packaging for high volume
applications.
Applications
Broadband Microwave Modules; EW, ECM, ECCM
Equalizer is utilized as a compensation circuit to correct
for a loss slope created by other elements within a circuit
such as in amplifier stages
Benefits
Low Excess Insertion Loss
Footprint interchangeable part series, gain slopes from
1 to 3.5 dB
Superior, repeatable microwave performance
Ease of assembly; terminations are compatible with
solder SMT and conductive epoxy assembly
Part Number
L
W
T
Lp
Wp
G
Nominal
Slope
Epoxy
Solderable
AEQ2050
AEQ05510
30 ± 2
18 ± 2
5 ± 1
9 ± 1
14 ± 1
8 ± 1
2.25 dB
AEQ2199
AEQ05246
28 ± 2
16 ± 2
7 ± 1
7 ± 1
14 ± 1
12 ± 1
3.5 dB
AEQ2234
AEQ06042
32 ± 2
16 ± 2
5 ± 1
8 ± 1
12 ± 1
12 ± 1
3.25 dB
AEQ3042
AEQ3042
40 ± 2
20 ± 2
6 ± 1
17.5 ± 1
17.5 ± 1
3 ± 1
0.6 dB
AEQ3055
AEQ3055
40 ± 2
20 ± 2
6 ± 1
15.4 ± 1
18.4 ± 1
7.2 ± 1
1.5 dB
AEQ05467
AEQ05467
28 ± 1
16 ± 1
7 ± 1
7 min.
14 ± 1
10
1.0 dB
AEQ05468
AEQ05468
28 ± 1
16 ± 1
7 ± 1
7 min.
14 ± 1
10
1.5 dB
AEQ05469
AEQ05469
28 ± 1
16 ± 1
7 ± 1
7 min.
14 ± 1
10
2.0 dB
AEQ05470
AEQ05470
28 ± 1
16 ± 1
7 ± 1
7 min.
14 ± 1
10
2.5 dB
AEQ05471
AEQ05471
28 ± 1
16 ± 1
7 ± 1
7 min.
14 ± 1
10
3.0 dB
AEQ05472
AEQ05472
28 ± 1
16 ± 1
7 ± 1
7 min.
14 ± 1
10
3.5 dB
All dimensions in mils. Mechanical outline drawings for equalizers listed above are available. Please contact DLI Applications Engineering for details.
Package optimized for typical 50 Ω transmission
line width
No ground connection required
Equivalent Schematic Representation
Physical Dimensions


Similar Part No. - AEQ05470

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
AEQ05470 KNOWLES-AEQ05470 Datasheet
882Kb / 2P
   Gain Equalizers
AEQ05470 KNOWLES-AEQ05470 Datasheet
882Kb / 2P
   Gain Equalizers
AEQ05470 KNOWLES-AEQ05470 Datasheet
882Kb / 2P
   Gain Equalizers
More results

Similar Description - AEQ05470

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
EQY-3-63 MINI-EQY-3-63 Datasheet
269Kb / 5P
   Gain Equalizers
EQY-4-63 MINI-EQY-4-63 Datasheet
269Kb / 5P
   Gain Equalizers
logo
Yantel Corporation
E6003C-1323 YANTEL-E6003C-1323 Datasheet
386Kb / 3P
   Gain Equalizers
logo
Mini-Circuits
EQY-3-283 MINI-EQY-3-283 Datasheet
309Kb / 4P
   Gain Equalizers
REV. OR
logo
Knowles Electronics
AEQ3055-10 KNOWLES-AEQ3055-10 Datasheet
882Kb / 2P
   Gain Equalizers
logo
Mini-Circuits
EQY-8-63 MINI-EQY-8-63 Datasheet
263Kb / 5P
   Gain Equalizers
EQY-3-453 MINI-EQY-3-453 Datasheet
5Mb / 12P
   Gain Equalizers
EQY-2-63 MINI-EQY-2-63 Datasheet
264Kb / 5P
   Gain Equalizers
EQY-10-63 MINI-EQY-10-63 Datasheet
263Kb / 5P
   Gain Equalizers
EQY-12-24 MINI-EQY-12-24 Datasheet
278Kb / 5P
   Gain Equalizers
EQY-4-453 MINI-EQY-4-453 Datasheet
5Mb / 13P
   Gain Equalizers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com