Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE1674 Datasheet(PDF) 2 Page - NTE Electronics

Part No. NTE1674
Description  Integrated Circuit TV Vertical Deflection Output Circuit
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1674 Datasheet(HTML) 2 Page - NTE Electronics

  NTE1674 Datasheet HTML 1Page - NTE Electronics NTE1674 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Center Voltage
VMID
12.1
12.6
13.1
V
Flyback Pulse Amplitude
V(FBP)
47
V
Static Circuit Current
ICQ
V4–1 = 24V, V9–1 = 24V, V7–1 = 0V
7
13
22
mA
Output Transistor Saturation Voltage
V4–2
V4–1 = V9–1 = 24V, Pin2 – 1 = 56Ω,
V6–1 = 0.3V, V7–1 = 0V
2.7
3.7
V
V2–1
V4–1 = V9–1 = 24V, Pin2 – 4 = 56Ω,
V6–1 = 1.3V, V7–1 = 0V
0.6
1.0
V
Q21 Saturation Voltage
V8–1
V9–1 = 24V, Pin9 – 8 = 1.2kΩ,
V7–1 = 0V
0.5
V
VCC
Pin Connection Diagram
(Front View)
.328
(8.33)
.250
(6.35)
.591 (15.0)
.728 (18.5)
.890 (22.6)
.229
(5.82)
.281
(7.14)
.059
(1.5)
19
.100 (2.54)
.150 (3.8)
.067 (1.72)
Trigger Pulse Input
Supply Voltage for Output
Output
Drive Transistor Collector
GND
N.C.
9
8
7
6
Pulse Amp Output
5
4
3
2
1
Input


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn