Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE1674 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE1674
Description  Integrated Circuit TV Vertical Deflection Output Circuit
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1674 Datasheet(HTML) 1 Page - NTE Electronics

  NTE1674 Datasheet HTML 1Page - NTE Electronics NTE1674 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE1674
Integrated Circuit
TV Vertical Deflection Output Circuit
Description:
The NTE1674 is an integrated circuit in a 9–Lead SIP type package designed for use as a TV vertical
deflection output circuit. When used in combination with a deflection signal processing IC, this device
can facilitate a vertical output circuit design.
Features:
D Low Power Consumption
D Direct Deflection Coil Driving Capability
D High Breakdown Voltage
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Supply Voltage, VCC
27.6V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Circuit Voltage, V4–1
0 to 60V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Circuit Voltage, V6–1
0 to 2.5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Circuit Voltage, V7–1
0 to 1.3V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply Current, ICC
250mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Circuit Current, I2
–1000 to +1000mAO–P
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Circuit Current, I8
–1000 to +1000mAO–P
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation, PD
6.66W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Ambient Temperature Range, Topr
–20
° to +70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Case, RthJC
12
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1.
 andare flow–in and flow–out currents to/from the circuit respectively.
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Deflection Current
Iy(P–P)
860
930
1000
mAP–P
Deflection Current Linearity
DIy(+)
25
75
mAP–P
DIy(–)
22
85
mAP–P
Deflection Current Change with
Ambient Temperature
DIy/TA
TA = –20° to +70°C
–1.5
+1.5
%


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn