Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBR08C689BAGAC Datasheet(PDF) 1 Page - Kemet Corporation

Part # CBR08C689BAGAC
Description  Ceramic, High Q, Microwave (CBR), 6.8 pF, /-0.1 pF, 250 V, 0805, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CBR08C689BAGAC Datasheet(HTML) 1 Page - Kemet Corporation

  CBR08C689BAGAC Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - f47ac5f6-8460-4427-a98e-a7c0a88acbfd
KEMET Part Number: CBR08C689BAGAC
(CBR08C689BAGACTU)
Ceramic, High Q, Microwave (CBR), 6.8 pF, +/-0.1 pF, 250 V, 0805, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
Dimensions
L
2mm +/-0.2mm
W
1.25mm +/-0.2mm
T
0.85mm +/-0.1mm
B
0.5mm +/-0.2mm
Packaging Specifications
Packaging: T&R, 180mm, Plastic Tape
Packaging Quantity: 4000
General Information
Style: SMD Chip
Series: Microwave (CBR)
Chip Size: 0805
Description: SMD, Fixed, RF, Ultra High Q,
Low ESR, Class I
Features: Ultra High Q, Low ESR, Class I
RoHS: Yes
Termination: Tin
Marking: No
Miscellaneous: Minimum Q = 936
Notes: Solder Wave or Solder Reflow
Specifications
Capacitance: 6.8 pF
Capacitance Tolerance: +/-0.1 pF
Voltage DC: 250 VDC
Temperature Range: -55/+125C
Temperature Coefficient: C0G
Dissipation Factor: 0.187%
Aging Rate: 0% Loss/Decade Hour
Insulation Resistance: 10 GOhms
Dielectric Strength: 500 V
Quality Factor: 936
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - CBR08C689BAGAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CBR08C680JAGAC KEMET-CBR08C680JAGAC Datasheet
57Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 68 pF, 5%, 250 V, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I, 0805
More results

Similar Description - CBR08C689BAGAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CBR08C159BAGAC KEMET-CBR08C159BAGAC Datasheet
72Kb / 1P
   Ceramic, High Q, Microwave (CBR), 1.5 pF, /-0.1 pF, 250 V, 0805, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR06C689BAGAC KEMET-CBR06C689BAGAC Datasheet
72Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 6.8 pF, /-0.1 pF, 250 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR04C689B1GAC KEMET-CBR04C689B1GAC Datasheet
72Kb / 1P
   Ceramic, High Q, Microwave (CBR), 6.8 pF, /-0.1 pF, 100 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR08C339BAGAC KEMET-CBR08C339BAGAC Datasheet
72Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 3.3 pF, /-0.1 pF, 250 V, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I, 0805
CBR04C689B5GAC KEMET-CBR04C689B5GAC Datasheet
72Kb / 1P
   Ceramic, High Q, Microwave (CBR), 6.8 pF, /-0.1 pF, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR06C408BAGAC KEMET-CBR06C408BAGAC Datasheet
72Kb / 1P
   Ceramic, High Q, Microwave (CBR), 0.4 pF, /-0.1 pF, 250 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR06C308BAGAC KEMET-CBR06C308BAGAC Datasheet
72Kb / 1P
   Ceramic, High Q, Microwave (CBR), 0.3 pF, /-0.1 pF, 250 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR06C609BAGAC KEMET-CBR06C609BAGAC Datasheet
72Kb / 1P
   Ceramic, High Q, Microwave (CBR), 6 pF, /-0.1 pF, 250 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR05C708BAGAC KEMET-CBR05C708BAGAC Datasheet
71Kb / 1P
   Ceramic, High Q, Microwave (CBR), 0.7 pF, /-0.1 pF, 250 V, 0505, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR06C919BAGAC KEMET-CBR06C919BAGAC Datasheet
72Kb / 1P
   Ceramic, High Q, Microwave (CBR), 9.1 pF, /-0.1 pF, 250 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com