Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2381 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2381
Description  FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2381 Datasheet(HTML) 3 Page - Texas Instruments

  TLV2381 Datasheet HTML 1Page - Texas Instruments TLV2381 Datasheet HTML 2Page - Texas Instruments TLV2381 Datasheet HTML 3Page - Texas Instruments TLV2381 Datasheet HTML 4Page - Texas Instruments TLV2381 Datasheet HTML 5Page - Texas Instruments TLV2381 Datasheet HTML 6Page - Texas Instruments TLV2381 Datasheet HTML 7Page - Texas Instruments TLV2381 Datasheet HTML 8Page - Texas Instruments TLV2381 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TLV2381
TLV2382
SLOS377A – SEPTEMBER 2001– REVISED JULY 2003
3
www.ti.com
recommended operating conditions
MIN
MAX
UNIT
Supply voltage, (VS)
Dual supply
±1.35
±8
V
Supply voltage, (VS)
Single supply
2.7
16
V
Input common-mode voltage range
–0.2
VS+0.2
V
Operating free air temperature, TA
I-suffix
–40
125
°C
electrical characteristics at recommended operating conditions, VS = 2.7 V, 5 V, and 15 V (unless
otherwise noted)
dc performance
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VIC = VS/2,
VO = VS/2
25
°C
0.5
4.5
mV
VIO
Input offset voltage
VIC = VS/2,
VO = VS/2
RL = 100 kΩ
RS = 50 Ω
Full range
6.5
mV
αVIO
Offset voltage drift
RL = 100 kΩ
RS = 50 Ω
25
°C
1.1
µV/°C
CMRR
Common-mode rejection ratio
VIC = 0 V to VS,
V
= 2.7 V
25
°C
54
69
dB
CMRR
Common-mode rejection ratio
VIC = 0 V to VS,
RS = 50 Ω
VS = 2.7 V
Full range
53
dB
CMRR
Common-mode rejection ratio
VIC = 0 V to VS–1.3 V,
VS = 2.7 V
25
°C
71
86
dB
CMRR
Common-mode rejection ratio
VIC = 0 V to VS–1.3 V,
RS = 50 Ω
Full range
70
CMRR
Common-mode rejection ratio
VIC = 0 V to VS,
V
= 5 V
25
°C
58
74
dB
CMRR
Common-mode rejection ratio
VIC = 0 V to VS,
RS = 50 Ω
VS = 5 V
Full range
57
dB
CMRR
Common-mode rejection ratio
VIC = 0 V to VS–1.3 V,
VS = 5 V
25
°C
72
88
dB
VIC = 0 V to VS–1.3 V,
RS = 50 Ω
Full range
70
VIC = 0 V to VS,
V
= 15 V
25
°C
65
80
dB
VIC = 0 V to VS,
RS = 50 Ω
VS = 15 V
Full range
64
dB
VIC = 0 V to VS–1.3 V,
VS = 15 V
25
°C
72
90
dB
VIC = 0 V to VS–1.3 V,
RS = 50 Ω
Full range
70
A
Large-signal differential voltage
V
=V /2,
VS = 2.7 V
25
°C
80
100
dB
A
Large-signal differential voltage
V
=V /2,
VS = 2.7 V
Full range
77
dB
AVD
Large-signal differential voltage
VO(PP)=VS/2,
VS = 5 V
25
°C
80
100
dB
AVD
Large-signal differential voltage
amplification
VO(PP)=VS/2,
RL = 100 kΩ
VS = 5 V
Full range
77
dB
VS = 15 V
25
°C
77
83
VS = 15 V
Full range
74
† Full range is –40°C to 125°C.
input characteristics
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
I
Input offset current
V
= V /2,
V
= V /2,
≤25°C
1
60
pA
IIO
Input offset current
V
= V /2,
V
= V /2,
≤70°C
100
pA
IO
VIC = VS/2,
VO = VS/2,
≤125°C
1000
I
Input bias current
VIC = VS/2,
VO = VS/2,
RL = 100 kΩ ,RS = 50 Ω
≤25°C
1
60
pA
IIB
Input bias current
≤70°C
200
pA
IB
≤125°C
1000
ri(d)
Differential input resistance
25
°C
1000
G
CIC
Common-mode input capacitance
f = 1 kHz
25
°C
8
pF


Similar Part No. - TLV2381

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2381 TI1-TLV2381 Datasheet
637Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2381ID TI1-TLV2381ID Datasheet
663Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2381ID TI1-TLV2381ID Datasheet
637Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2381IDBV TI1-TLV2381IDBV Datasheet
637Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2381IDBVR TI1-TLV2381IDBVR Datasheet
663Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - TLV2381

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2381 TI1-TLV2381_15 Datasheet
637Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2381 TI1-TLV2381_12 Datasheet
663Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV27L1 TI-TLV27L1 Datasheet
274Kb / 12P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP196 AD-OP196_02 Datasheet
287Kb / 16P
   Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. C
OP196 AD-OP196 Datasheet
337Kb / 16P
   Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. B
logo
Texas Instruments
TLV2764IPWG4 TI-TLV2764IPWG4 Datasheet
1Mb / 43P
[Old version datasheet]   FAMILY OF 1.8V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Unisonic Technologies
V2462 UTC-V2462 Datasheet
200Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
LV2460 UTC-LV2460 Datasheet
240Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
LV2462 UTC-LV2462 Datasheet
331Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
LV2464 UTC-LV2464 Datasheet
244Kb / 7P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com