Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC4618 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # 2SC4618
Description  SOT-523 Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SC4618 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SC4618 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC4618 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC4618 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC4618 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOT-523 Plastic-Encapsulate Transistors
2SC4618
TRANSISTOR (NPN)
FEATURES
 High Voltage and Current
 High DC Current Gain
 Complementary to 2SC4738
 Small Package
APPLICATIONS
 General Purpose Amplification
MAXIMUM RATINGS (Ta=25℃ unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Ta=25℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=50µA, IE=0
40
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA, IB=0
25
V
Emitter-base breakdown voltage
V(BR)EBO
IE=50µA, IC=0
5
V
Collector cut-off current
ICBO
VCB=24V, IE=0
500
nA
Emitter cut-off current
IEBO
VEB=3V, IC=0
500
nA
DC current gain
hFE
VCE=6V, IC=1mA
56
270
Collector-emitter saturation voltage
VCE(sat)
IC=10mA, IB=1mA
0.3
V
Transition frequency
fT
VCE=6V,IC=1mA , f=100MHz
150
MHz
Collector output capacitance
Cob
VCB=6V, IE=0, f=1MHz
2.2
pF
CLASSIFICATION OF hFE
RANK
N
P
Q
RANGE
56–120
82–180
120–270
MARKING
AN
AP
AQ
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
40
V
VCEO
Collector-Emitter Voltage
25
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current
50
mA
PC
Collector Power Dissipation
150
mW
RΘJA
Thermal Resistance From Junction To Ambient
833
℃/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150
SOT–523
1. BASE
2. EMITTER
3. COLLECTOR
www.cj-elec.com
1
A,Jun,2014
www.cj-elec.com
C,Mar,2016


Similar Part No. - 2SC4618

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4618 ROHM-2SC4618 Datasheet
80Kb / 4P
   High-frequency Amplifier Transistor(25V, 50mA, 300MHz)
2SC4618 ROHM-2SC4618 Datasheet
147Kb / 3P
   High-frequency Amplifier Transistor (25V, 50mA, 300MHz)
logo
SeCoS Halbleitertechnol...
2SC4618 SECOS-2SC4618 Datasheet
382Kb / 2P
   NPN General Purpose Transistor
logo
Weitron Technology
2SC4618 WEITRON-2SC4618 Datasheet
95Kb / 1P
   NPN TRANSISTOR
logo
SeCoS Halbleitertechnol...
2SC4618 SECOS-2SC4618 Datasheet
456Kb / 2P
   NPN Silicon General Purpose Transistor
More results

Similar Description - 2SC4618

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
MMBT2222AT JIANGSU-MMBT2222AT Datasheet
4Mb / 4P
   SOT-523 Plastic-Encapsulate Transistors
MMBT3906T JIANGSU-MMBT3906T Datasheet
5Mb / 4P
   SOT-523 Plastic-Encapsulate Transistors
logo
SHIKUES Electronics
S9014T SKTECHNOLGY-S9014T Datasheet
967Kb / 3P
   SOT-523 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SA1832 JIANGSU-2SA1832 Datasheet
1Mb / 4P
   SOT-523 Plastic-Encapsulate Transistors
2SC4617 JIANGSU-2SC4617 Datasheet
2Mb / 4P
   SOT-523 Plastic-Encapsulate Transistors
2SC4738 JIANGSU-2SC4738 Datasheet
2Mb / 4P
   SOT-523 Plastic-Encapsulate Transistors
2SC5585 JIANGSU-2SC5585 Datasheet
2Mb / 4P
   SOT-523 Plastic-Encapsulate Transistors
BC847T JIANGSU-BC847T Datasheet
2Mb / 4P
   SOT-523 Plastic-Encapsulate Transistors
BC857T JIANGSU-BC857T Datasheet
1Mb / 4P
   SOT-523 Plastic-Encapsulate Transistors
MMBT3904T JIANGSU-MMBT3904T Datasheet
2Mb / 4P
   SOT-523 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com