Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC3437 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # 2SC3437
Description  SOT-23 Plastic-Encapsulate Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SC3437 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SC3437 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC3437 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC3437 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOT-23 Plastic-Encapsulate Transistors
2SC3437
TRANSISTOR (NPN)
FEATURES
 High Transition Frequency
 Low Saturation Voltage
MAXIMUM RATINGS (Ta=25℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
40
V
VCEO
Collector-Emitter Voltage
15
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current
200
mA
PC
Collector Power Dissipation
150
mW
RΘJA
Thermal Resistance From Junction To Ambient
833
℃/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150
ELECTRICAL CHARACTERISTICS (Ta=25℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=100µA, IE=0
40
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA, IB=0
15
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100µA, IC=0
5
V
Collector cut-off current
ICBO
VCB=40V, IE=0
0.1
µA
Emitter cut-off current
IEBO
VEB=5V, IC=0
0.1
µA
hFE(1)
VCE=1V, IC=10mA
40
240
DC current gain
hFE(2)
VCE=1V, IC=100mA
20
Collector-emitter saturation voltage
VCE(sat)
IC=20mA, IB=1mA
0.3
V
Base-emitter saturation voltage
VBE(sat)
IC=20mA, IB=1mA
1
V
Transition frequency
fT
VCE=10V,IC=10mA
200
MHz
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
6
pF
CLASSIFICATION OF hFE(1)
RANK
R
O
Y
RANGE
40–80
70–140
120–240
MARKING
CHR
CHO
CHY
SOT–23
1. BASE
2. EMITTER
3. COLLECTOR
www.cj-elec.com
1
A,Jun,2014
www.cj-elec.com
B,Oct,2014
JC T


Similar Part No. - 2SC3437

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3437 TOSHIBA-2SC3437 Datasheet
160Kb / 4P
   NPN EPITAXIAL TYPE (ULTRA HIGH SPEED SWITCHING, COMPUTER, COUNTER APPLICATIONS)
2SC3437 TOSHIBA-2SC3437 Datasheet
391Kb / 5P
   Silicon NPN Epitaxial Type (PCT process) Ultra High Speed Switching Applications
logo
Guangdong Kexin Industr...
2SC3437 KEXIN-2SC3437 Datasheet
41Kb / 2P
   Silicon NPN Epitaxial
logo
Shenzhen Jin Yu Semicon...
2SC3437 HTSEMI-2SC3437 Datasheet
433Kb / 1P
   TRANSISTOR (NPN)
logo
Toshiba Semiconductor
2SC3437 TOSHIBA-2SC3437_07 Datasheet
391Kb / 5P
   Silicon NPN Epitaxial Type (PCT process) Ultra High Speed Switching Applications
More results

Similar Description - 2SC3437

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9014LT1 ETC-S9014LT1 Datasheet
1Mb / 2P
   SOT-23 Plastic-Encapsulate Transistors
logo
Avic Technology
AV9015LT1 AVICTEK-AV9015LT1 Datasheet
37Kb / 1P
   SOT-23 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
2SC2412 HDSEMI-2SC2412 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC848 HDSEMI-BC848 Datasheet
2Mb / 5P
   SOT-23 Plastic-Encapsulate Transistors
S8550-SOT-23 HDSEMI-S8550-SOT-23 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC817B HDSEMI-BC817B Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC847 HDSEMI-BC847 Datasheet
2Mb / 5P
   SOT-23 Plastic-Encapsulate Transistors
MMBTA06 HDSEMI-MMBTA06 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
S8050 HDSEMI-S8050 Datasheet
1Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
SS8050-SOT-23 HDSEMI-SS8050-SOT-23 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB709A JIANGSU-2SB709A Datasheet
662Kb / 4P
   SOT-23 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com