Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC3303 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # 2SC3303
Description  TO-251-3L Plastic-Encapsulate Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SC3303 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SC3303 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC3303 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC3303 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TO-251-3L
1. BASE
2. COLLECTOR
3. EMITTER
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-251-3L Plastic-Encapsulate Transistors
2SC3303
TRANSISTOR (NPN)
FEATURES
Low Collector Saturation Voltage
High Speed Switching Time
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=100µA,IE=0
100
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=10mA,IB=0
80
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100µA,IC=0
7
V
Collector cut-off current
ICBO
VCB=100V,IE=0
1
μA
Emitter cut-off current
IEBO
VEB=7V,IC=0
1
μA
hFE(1)
VCE=1V, IC=1A
70
240
DC current gain
hFE(2)
VCE=1V, IC=3A
40
Collector-emitter saturation voltage
VCE(sat)
IC=3A,IB=150mA
0.4
V
Base-emitter saturation voltage
VBE(sat)
IC=3A,IB=150mA
1.2
V
Collector output capacitance
Cob
VCB=10V,IE=0, f=1MHz
80
pF
Transition frequency
fT
VCE=4V,IC=1A,
20
MHz
CLASSIFICATION OF hFE(1)
RANK
O
Y
RANGE
70-140
120-240
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
100
V
VCEO
Collector-Emitter Voltage
80
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current
5
A
PC
Collector Power Dissipation
1
W
RθJA
Thermal Resistance From Junction To Ambient
125
℃/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150
www.cj-elec.com
1
D,Nov,2014


Similar Part No. - 2SC3303

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3303 TOSHIBA-2SC3303 Datasheet
197Kb / 4P
   NPN EPITAXIAL TYPE (HIGH CURRENT SWITCING APPLICATIONS)
2SC3303 TOSHIBA-2SC3303 Datasheet
187Kb / 5P
   High Current Switching Applications DC-DC Converter Applications
2SC3303 TOSHIBA-2SC3303 Datasheet
173Kb / 5P
   High Current Switching Applications
logo
Inchange Semiconductor ...
2SC3303 ISC-2SC3303 Datasheet
270Kb / 2P
   isc Silicon NPN Power Transistor
logo
SeCoS Halbleitertechnol...
2SC3303 SECOS-2SC3303 Datasheet
83Kb / 1P
   5A , 100V NPN Epitaxial Planar Silicon Transistor
More results

Similar Description - 2SC3303

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
3DA752 JIANGSU-3DA752 Datasheet
348Kb / 2P
   TO-251-3L Plastic-Encapsulate Transistors
2SA1700 JIANGSU-2SA1700 Datasheet
766Kb / 3P
   TO-251-3L Plastic-Encapsulate Transistors
2SD1802 JIANGSU-2SD1802 Datasheet
1Mb / 3P
   TO-251-3L Plastic-Encapsulate Transistors
D882M JIANGSU-D882M Datasheet
1Mb / 3P
   TO-251-3L Plastic-Encapsulate Transistors
MJD31C JIANGSU-MJD31C Datasheet
913Kb / 3P
   TO-251-3L Plastic-Encapsulate Transistors
2SB1202 JIANGSU-2SB1202 Datasheet
432Kb / 2P
   TO-251-3L Plastic-Encapsulate Transistors
2SB1412 JIANGSU-2SB1412 Datasheet
458Kb / 2P
   TO-251-3L Plastic-Encapsulate Transistors
2SD2118 JIANGSU-2SD2118 Datasheet
558Kb / 2P
   TO-251-3L Plastic-Encapsulate Transistors
2SA1615 JIANGSU-2SA1615 Datasheet
220Kb / 2P
   TO-251-3L Plastic-Encapsulate Transistors
2SC4003 JIANGSU-2SC4003 Datasheet
373Kb / 2P
   TO-251-3L Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com