Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH617A-2X001 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SFH617A-2X001
Description  Optocoupler, Phototransistor Output, High Reliability
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH617A-2X001 Datasheet(HTML) 2 Page - Vishay Siliconix

  SFH617A-2X001 Datasheet HTML 1Page - Vishay Siliconix SFH617A-2X001 Datasheet HTML 2Page - Vishay Siliconix SFH617A-2X001 Datasheet HTML 3Page - Vishay Siliconix SFH617A-2X001 Datasheet HTML 4Page - Vishay Siliconix SFH617A-2X001 Datasheet HTML 5Page - Vishay Siliconix SFH617A-2X001 Datasheet HTML 6Page - Vishay Siliconix SFH617A-2X001 Datasheet HTML 7Page - Vishay Siliconix SFH617A-2X001 Datasheet HTML 8Page - Vishay Siliconix SFH617A-2X001 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SFH617A
www.vishay.com
Vishay Semiconductors
Rev. 2.4, 31-Aug-15
2
Document Number: 83740
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
maximum ratings for extended periods of the time can adversely affect reliability.
(1) Refer to reflow profile for soldering conditions for surface mounted devices (SMD). Refer to wave profile for soldering conditions for through
hole devices (DIP).
Note
• Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Reverse voltage
VR
6V
Forward current
IF
60
mA
Forward surge current
tp
≤ 10 μs
IFSM
2.5
A
LED power dissipation
at 25 °C
Pdiss
70
mW
OUTPUT
Collector emitter voltage
VCEO
70
V
Emitter collector voltage
VECO
7V
Collector current
IC
50
mA
Collector peak current
tp/T = 0.5, tp
≤ 10 ms
ICM
100
mA
Ouput power dissipation
at 25 °C
Pdiss
150
mW
COUPLER
Operation temperature
Tamb
- 55 to + 110
°C
Storage temperature range
Tstg
- 55 to + 150
°C
Soldering temperature (1)
2 mm from case,
≤ 10 s
Tsld
260
°C
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 60 mA
VF
1.35
1.65
V
Reverse current
VR = 6 V
IR
0.01
10
μA
Capacitance
VR = 0 V, f = 1 MHz
CO
13
pF
OUTPUT
Collector emitter capacitance
VCE = 5 V, f = 1 MHz
CCE
5.2
pF
Collector emitter leakage current
VCE = 10 V
SFH617A-1
ICEO
250
nA
SFH617A-2
ICEO
250
nA
SFH617A-3
ICEO
5
100
nA
SFH617A-4
ICEO
5
100
nA
COUPLER
Collector emitter saturation voltage
IF = 10 mA, f = 1 MHz
VCEsat
0.25
0.4
V
Coupling capacitance
CC
0.4
pF


Similar Part No. - SFH617A-2X001

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH617A-2X001 VISHAY-SFH617A-2X001 Datasheet
170Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rateds
01-Jan-2022
More results

Similar Description - SFH617A-2X001

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH610A VISHAY-SFH610A_18 Datasheet
192Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.5, 28-Mar-18
VO617A VISHAY-VO617A_15 Datasheet
207Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability
Rev. 2.5, 27-Aug-15
VO618A VISHAY-VO618A Datasheet
176Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.4, 18-Apr-13
SFH615A-2 VISHAY-SFH615A-2 Datasheet
131Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.6, 26-Jun-13
SFH615A-3 VISHAY-SFH615A-3 Datasheet
155Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.2, 12-Oct-12
SFH6156 VISHAY-SFH6156_17 Datasheet
154Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.8, 21-Apr-17
VO617A VISHAY-VO617A_V02 Datasheet
218Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
SFH6106-4T VISHAY-SFH6106-4T Datasheet
163Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.0, 10-Dec-08
SFH610A VISHAY-SFH610A_16 Datasheet
163Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.4, 27-Jun-16
SFH615A VISHAY-SFH615A_08 Datasheet
139Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.0, 06-Sep-06
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com