Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFH615A-3X006 Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. SFH615A-3X006
Description  Optocoupler, Phototransistor Output, High Reliability
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH615A-3X006 Datasheet(HTML) 1 Page - Vishay Siliconix

  SFH615A-3X006 Datasheet HTML 1Page - Vishay Siliconix SFH615A-3X006 Datasheet HTML 2Page - Vishay Siliconix SFH615A-3X006 Datasheet HTML 3Page - Vishay Siliconix SFH615A-3X006 Datasheet HTML 4Page - Vishay Siliconix SFH615A-3X006 Datasheet HTML 5Page - Vishay Siliconix SFH615A-3X006 Datasheet HTML 6Page - Vishay Siliconix SFH615A-3X006 Datasheet HTML 7Page - Vishay Siliconix SFH615A-3X006 Datasheet HTML 8Page - Vishay Siliconix SFH615A-3X006 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SFH615A
www.vishay.com
Vishay Semiconductors
Rev. 1.4, 31-Aug-15
1
Document Number: 83433
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
DESCRIPTION
The SFH615A feature a variety of transfer ratios, low
coupling capacitance and high isolation voltage. These
couplers have a GaAs infrared diode emitter, which is
optically coupled to a silicon planar phototransistor
detector, and is incorporated in a plastic DIP-4 package.
The coupling devices are designed for signal transmission
between two electrically separated circuits.
The couplers are end-stackable with 2.54 mm lead spacing.
Creepage and clearance distances of > 8 mm are achieved
with option 6. This version complies with IEC 60950
(DIN VDE 0805) for reinforced insulation up to an operation
voltage of 400 VRMS or DC. Specifications subject to
change.
FEATURES
• Excellent CTR linearity depending on forward
current
• Isolation test voltage, 5300 VRMS
• Fast switching times
• Low CTR degradation
• Low coupling capacitance
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• Switchmode power supply
• Telecom
• Battery powered equipment
AGENCY APPROVALS
• UL file no. E52744
• cUL tested to CSA 22.2 bulletin 5A
• DIN EN 60747-5-5 (VDE 0884-5) available with option 1
• BSI EN 60950; EN 60065
•FIMKO
•CQC
Notes
• Additional options may be possible, please contact sales office.
(1) Also available in tubes; do not add T to end.
(2) T3 rotation in tape and reel packaging.
1
2
4
3
E
C
A
C
17918-20
ORDERING INFORMATION
SF
H
6
1
5
A
-
#
X
0
#
#
T
PART NUMBER
CTR
BIN
PACKAGE OPTION
TAPE
AND
REEL
AGENCY CERTIFIED/PACKAGE
CTR (%)
UL, cUL, BSI, FIMKO
40 to 80
63 to 125
100 to 200
160 to 320
DIP-4
SFH615A-1
SFH615A-2
SFH615A-3
SFH615A-4
DIP-4, 400 mil, option 6
SFH615A-1X006
SFH615A-2X006
SFH615A-3X006
-
SMD-4, option 7
-
-
SFH615A-3X007T (1)
-
SMD-4, option 9
-
SFH615A-2X009T
SFH615A-3X009T (1)
SFH615A-4X009
UL, cUL, VDE, BSI, FIMKO
40 to 80
63 to 125
100 to 200
160 to 320
DIP-4
SFH615A-1X001
SFH615A-2X001
SFH615A-3X001
SFH615A-4X001
DIP-4, 400 mil, option 6
SFH615A-1X016
SFH615A-2X016
SFH615A-3X016
SFH615A-4X016
SMD-4, option 7
SFH615A-1X017T (1)
SFH615A-2X017T (1)
SFH615A-3X017
SFH615A-4X017T (1)
SMD-4, option 9
-
SFH615A-2X019T
--
SFH615A-2X019T3 (2)
7.62 mm
10.16 mm
Option 7
Option 6
Option 9
DIP-4
> 8 mm
8 mm typ.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn